Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT14XH.M2P Datasheet(PDF) 5 Page - HellermannTyton.

Part # MBT14XH.M2P
Description  Cable Ties with Ball-Lock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MBT14XH.M2P Datasheet(HTML) 5 Page - HellermannTyton.

  MBT14XH.M2P Datasheet HTML 1Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 2Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 3Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 4Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 5Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 6Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 7Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.5
90
Further information at www.HellermannTyton.com/fixings
Cable Ties and Fixings
Cable Ties, Stainless Steel
The MBT range of stainless steel cable ties can be used in the most
arduous of conditions or where the additional security, strength and fire
resistance of a metal fixing is required. Used in all industries from mass
transit, ship building, oil rigs, mining and chemical industry, theatres and
exhibition halls. In the event of a fire, cables will remain securely held in
place and will not fall to block emergency exits.
Features and Benefits
• Fully coated MBT, made from type 316 stainless steel with
polyester coating
• Patented non-releasable locking feature
• Coated cable tie with smooth edges
• Comfortable handling and installation
• Eliminates contact corrosion between dissimilar materials
during application
Cable Ties with Ball-Lock and Coating
Stainless Steel Cable Ties, coated, MBT_SFC, MBT_HFC.
MBT-FC-Series, Stainless Steel 316
MBT-Series 4.6 mm and 7.9 mm width
L
W
Stainless Steel Cable Ties, coated, MBT_XHFC.
TYPE
Width
(W)
Length
(L)
Bundle Ø
min.
Bundle Ø
max.
Material
Pack
Cont.
Tools
E-number
Article-No.
MBT5SFC
4.6
127.0
15.0
25.0
540
SS316, SP
100 pcs.
15-18
00 000 00
111-00288
MBT8SFC
4.6
201.0
17.0
50.0
540
SS316, SP
100 pcs.
15-18
00 000 00
111-00289
MBT14SFC
4.6
362.0
17.0
102.0
540
SS316, SP
100 pcs.
15-18
00 000 00
111-00290
MBT20SFC
4.6
521.0
17.0
152.0
540
SS316, SP
100 pcs.
15-18
00 000 00
111-00291
MBT27SFC
4.6
681.0
17.0
203.0
540
SS316, SP
100 pcs.
15-18
00 000 00
111-00292
MBT33SFC
4.6
838.0
17.0
254.0
540
SS316, SP
100 pcs.
15-18
00 000 00
111-00293
MBT8HFC
7.9
201.0
17.0
50.0
1,020
SS316, SP
50 pcs.
15-18
00 000 00
111-00294
MBT14HFC
7.9
362.0
17.0
102.0
1,020
SS316, SP
50 pcs.
15-18
00 000 00
111-00295
MBT20HFC
7.9
521.0
17.0
152.0
1,020
SS316, SP
50 pcs.
15-18
00 000 00
111-00296
MBT27HFC
7.9
681.0
17.0
203.0
1,020
SS316, SP
50 pcs.
15-18
00 000 00
111-00297
MBT33HFC
7.9
838.0
17.0
254.0
1,020
SS316, SP
50 pcs.
15-18
00 000 00
111-00298
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
Recommended Tools
15
16
17
18
MK9SST
MK9PSST
HDT16
KST-STG200
559
559
560
560
For more information on toolings please refer to the Application Tooling chapter.
The MBT-Series (up to 7.9 mm) can be
used in combination with the stainless
steel P-Mount. The mount is simple to install
with a screw or bolt and ensures a durable
fixing solution. Please see page 149.
Patented
Material specification
please see page 26.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com