Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684410 Datasheet(PDF) 55 Page - EPCOS

Part # B32656S7684410
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684410 Datasheet(HTML) 55 Page - EPCOS

Back Button B32656S7684410 Datasheet HTML 51Page - EPCOS B32656S7684410 Datasheet HTML 52Page - EPCOS B32656S7684410 Datasheet HTML 53Page - EPCOS B32656S7684410 Datasheet HTML 54Page - EPCOS B32656S7684410 Datasheet HTML 55Page - EPCOS B32656S7684410 Datasheet HTML 56Page - EPCOS B32656S7684410 Datasheet HTML 57Page - EPCOS B32656S7684410 Datasheet HTML 58Page - EPCOS B32656S7684410 Datasheet HTML 59Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
55 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S, B32658S
Snubber (wound)
Testing and Standards
Test
Reference
Conditions of test
Performance
requirements
Electrical pa-
rameters
IEC 60384-16:2005
Voltage proof, 1.6 VR, 1 minute
Insulation resistance, Rins
Capacitance, C
Dissipation factor, tan
δ
Within specified limits
Robustness
of termina-
tions
IEC 60068-2-21:2006 Only tests Ua1 (20N) and Ud
Capacitance and tan
δ
within specified limits
Rapid change
of tempera-
ture
IEC 60384-16:2005
TA = lower category temperature
TB = upper category temperature
Five cycles, duration t = 30 min
|
ΔC/C0| ≤ 2%
|
Δ tan δ| ≤ 0.002
Rins ≥ 50% of initial limit
Vibration
IEC 60384-16:2005
Test FC: vibration sinusoidal
Displacement: 0.75 mm
Accleration: 98 m/s2
Frequency: 10 Hz ... 500 Hz
Test duration: 3 orthogonal axes,
2 hours each axe
No visible damage
Bump
IEC 60384-16:2005
Test Eb: Total 4000 bumps with
390 m/s2 mounted on PCB
Duration: 6 ms
No visible damage
|
ΔC/C0| ≤ 2%
|
Δ tan δ| ≤ 0.002
Rins ≥ 50% of initial limit
Climatic se-
quence
IEC 60384-16:2005
Dry heat Tb[TB] / 16 h
Damp heat cyclic, 1st cycle
+55
°C / 24 h / 95% ... 100% RH
Cold Ta[TA] / 2 h
Damp heat cyclic, 5 cycles
+55
°C / 24 h / 95% ... 100% RH
No visible damage
|
ΔC/C0| ≤ 3%
|
Δ tan δ| ≤ 0.003
Rins ≥ 50% of initial limit
Damp heat,
steady state
IEC 60384-16:2005
Test Ca
40
°C / 93% RH / 56 days
No visible damage
|
ΔC/C0| ≤ 3%
|
Δ tan δ| ≤ 0.002
Rins ≥ 50% of initial limit
Advanced
biased
humidity
60
°C / 95% RH / 1000 hours
with VR DC
No visible damage
|
ΔC/C0| ≤ 10%
|
Δ tan δ| ≤ 0.002
Rins ≥ 50% of initial limit
Endurance A
85
°C / 1.25 VR / 2000 hours
No visible damage
|
ΔC/C0| ≤ 3%
|
Δ tan δ| ≤ 0.002
Rins ≥ 50% of initial limit
Endurance B
110
°C / 1.25 VC / 2000 hours
No visible damage
|
ΔC/C0| ≤ 3%
|
Δ tan δ| ≤ 0.002
Rins ≥ 50% of initial limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com