Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684410 Datasheet(PDF) 22 Page - EPCOS

Part # B32656S7684410
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684410 Datasheet(HTML) 22 Page - EPCOS

Back Button B32656S7684410 Datasheet HTML 18Page - EPCOS B32656S7684410 Datasheet HTML 19Page - EPCOS B32656S7684410 Datasheet HTML 20Page - EPCOS B32656S7684410 Datasheet HTML 21Page - EPCOS B32656S7684410 Datasheet HTML 22Page - EPCOS B32656S7684410 Datasheet HTML 23Page - EPCOS B32656S7684410 Datasheet HTML 24Page - EPCOS B32656S7684410 Datasheet HTML 25Page - EPCOS B32656S7684410 Datasheet HTML 26Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
22 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S
Snubber (wound)
Ordering codes and packing units
VR
V DC
VRMS
f ≤1kHz
V AC
CR
nF
Max. dimensions
w x h x l
mm
IRMS
100 kHz
A
ESRtyp
100 kHz
mΩ
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
1700 750
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+408 T8
48
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+409 T9
48
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+410 T10
80
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+411 T11
64
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+418 T18
48
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+561 T1
48
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+562 T2
48
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+563 T3
96
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+566 T6
48
680
30.0 x 45.0 x 42.0 18.0
5.0
B32656S1684+577 T7
96
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+408 T8
84
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+409 T9
84
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+410 T10
60
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+411 T11
56
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+418 T18
84
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+561 T1
84
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+562 T2
84
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+563 T3
64
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+566 T6
84
820
33.0 x 48.0 x 43.0 20.0
4.0
B32656S1824+577 T7
84
2000 800
68
14.0 x 25.0 x 42.0
6.0
17.0
B32656S2683+408 T8
288
68
14.0 x 25.0 x 42.0
6.0
17.0
B32656S2683+418 T18
288
68
14.0 x 25.0 x 42.0
6.0
17.0
B32656S2683+563 T3
168
68
14.0 x 25.0 x 42.0
6.0
17.0
B32656S2683+564 T4
288
68
14.0 x 25.0 x 42.0
6.0
17.0
B32656S2683+565 T5
288
100
14.0 x 25.0 x 42.0
6.5
15.0
B32656S2104+408 T8
288
100
14.0 x 25.0 x 42.0
6.5
15.0
B32656S2104+418 T18
288
100
14.0 x 25.0 x 42.0
6.5
15.0
B32656S2104+563 T3
168
100
14.0 x 25.0 x 42.0
6.5
15.0
B32656S2104+564 T4
288
100
14.0 x 25.0 x 42.0
6.5
15.0
B32656S2104+565 T5
288
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+408 T8
192
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+409 T9
192
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+411 T11
128
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+418 T18
192
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J= ±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com