Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684410 Datasheet(PDF) 13 Page - EPCOS

Part # B32656S7684410
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684410 Datasheet(HTML) 13 Page - EPCOS

Back Button B32656S7684410 Datasheet HTML 9Page - EPCOS B32656S7684410 Datasheet HTML 10Page - EPCOS B32656S7684410 Datasheet HTML 11Page - EPCOS B32656S7684410 Datasheet HTML 12Page - EPCOS B32656S7684410 Datasheet HTML 13Page - EPCOS B32656S7684410 Datasheet HTML 14Page - EPCOS B32656S7684410 Datasheet HTML 15Page - EPCOS B32656S7684410 Datasheet HTML 16Page - EPCOS B32656S7684410 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
13 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S
Snubber (wound)
Ordering codes and packing units
VR
V DC
VRMS
f ≤1kHz
V AC
CR
nF
Max. dimensions
w x h x l
mm
IRMS
100 kHz
A
ESRtyp
100 kHz
mΩ
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
1000 480
560
16.0 x 28.5 x 42.0
9.0
8.0
B32656S0564+561 T1
192
560
16.0 x 28.5 x 42.0
9.0
8.0
B32656S0564+562 T2
192
560
16.0 x 28.5 x 42.0
9.0
8.0
B32656S0564+563 T3
144
560
16.0 x 28.5 x 42.0
9.0
8.0
B32656S0564+564 T4
192
560
16.0 x 28.5 x 42.0
9.0
8.0
B32656S0564+565 T5
192
560
16.0 x 28.5 x 42.0
9.0
8.0
B32656S0564+566 T6
192
560
16.0 x 28.5 x 42.0
9.0
8.0
B32656S0564+577 T7
180
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+408 T8
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+409 T9
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+411 T11
128
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+418 T18
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+561 T1
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+562 T2
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+563 T3
144
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+564 T4
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+565 T5
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+566 T6
192
680
16.0 x 28.5 x 42.0 10.5
6.5
B32656S0684+577 T7
180
680
19.0 x 37.5 x 42.0 18.0
3.0
B32656S0684+412* T12
264
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+408 T8
140
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+409 T9
140
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+411 T11
112
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+418 T18
140
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+561 T1
140
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+562 T2
140
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+563 T3
120
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+564 T4
128
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+565 T5
128
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+566 T6
140
820
18.0 x 32.5 x 42.0 11.5
6.0
B32656S0824+577 T7
156
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
* This part is affected by "Dual Use" regulations according to the law of the country the production site is located in.
Deliveries of such products are subject to prior approval of the respective local authorities based on customer declara-
tions. The delivery to certain countries may be restricted.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J= ±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com