Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684418 Datasheet(PDF) 14 Page - EPCOS

Part # B32656S7684418
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684418 Datasheet(HTML) 14 Page - EPCOS

Back Button B32656S7684418 Datasheet HTML 10Page - EPCOS B32656S7684418 Datasheet HTML 11Page - EPCOS B32656S7684418 Datasheet HTML 12Page - EPCOS B32656S7684418 Datasheet HTML 13Page - EPCOS B32656S7684418 Datasheet HTML 14Page - EPCOS B32656S7684418 Datasheet HTML 15Page - EPCOS B32656S7684418 Datasheet HTML 16Page - EPCOS B32656S7684418 Datasheet HTML 17Page - EPCOS B32656S7684418 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
14 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S
Snubber (wound)
Ordering codes and packing units
VR
V DC
VRMS
f ≤1kHz
V AC
CR
nF
Max. dimensions
w x h x l
mm
IRMS
100 kHz
A
ESRtyp
100 kHz
mΩ
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
1000 480
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+408 T8
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+409 T9
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+410 T10
120
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+411 T11
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+418 T18
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+561 T1
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+562 T2
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+563 T3
104
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+564 T4
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+565 T5
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+566 T6
96
1000 20.0 x 39.5 x 42.0 13.0
6.0
B32656S0105+577 T7
144
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+408 T8
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+409 T9
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+410 T10
120
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+411 T11
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+418 T18
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+561 T1
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+562 T2
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+563 T3
104
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+564 T4
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+565 T5
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+566 T6
96
1200 20.0 x 39.5 x 42.0 14.0
5.0
B32656S0125+577 T7
144
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+408 T8
48
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+409 T9
48
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+410 T10
80
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+411 T11
64
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+418 T18
48
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+561 T1
48
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+562 T2
48
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+563 T3
96
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+566 T6
48
1500 30.0 x 45.0 x 42.0 16.5
5.0
B32656S0155+577 T7
96
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J= ±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com