Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684418 Datasheet(PDF) 31 Page - EPCOS

Part # B32656S7684418
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684418 Datasheet(HTML) 31 Page - EPCOS

Back Button B32656S7684418 Datasheet HTML 27Page - EPCOS B32656S7684418 Datasheet HTML 28Page - EPCOS B32656S7684418 Datasheet HTML 29Page - EPCOS B32656S7684418 Datasheet HTML 30Page - EPCOS B32656S7684418 Datasheet HTML 31Page - EPCOS B32656S7684418 Datasheet HTML 32Page - EPCOS B32656S7684418 Datasheet HTML 33Page - EPCOS B32656S7684418 Datasheet HTML 34Page - EPCOS B32656S7684418 Datasheet HTML 35Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
31 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S, B32658S
Snubber (wound)
Technical data
Reference standard: IEC 60384-16:2005 and AEC-Q200D. All data given at T = 20 °C, unless oth-
erwise specified.
Operating temperature range
Max. operating temperature Top,max +110 °C
Upper category temperature Tmax
+100
°C
Lower category temperature Tmin
–55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
at
CR ≤0.1 µF0.1 µF <CR ≤1 µFCR >1 µF
1 kHz
–
0.5
0.5
10 kHz
–
0.8
1.5
100 kHz
5.0
–
–
Insulation resistance Rins or
time constant
τ = CR ∙ Rins
at 20
°C, rel. humidity ≤65%
(minimum as-delivered values)
CR ≤0.33 µFCR >0.33 µF
100 G
Ω
30000 s
DC test voltage
1.6
∙ VR, 2 s
Category voltage VC
(continuous operation with
VDC or VAC at f ≤1 kHz)
Top (°C)
DC voltage derating
AC voltage derating
Top ≤85
85<Top≤110
VC = VR
VC = VR
∙ (165-Top)/80
VC,RMS=VRMS
VC,RMS=VRMS
∙ (165-Top)/80
Operating voltage Vop for short
operating periods
(VDC or VAC at f ≤1 kHz)
Top (°C)
DC voltage (max. hours) AC voltage (max. hours)
Top ≤85
85<Top≤100
Vop = 1.25
∙ VC(2000 h)
Vop = 1.25
∙ VC(1000 h)
Vop = 1.0
∙ VC,RMS (2000 h)
Vop = 1.0
∙ VC,RMS (1000 h)
Biased humidity
Limit values after biased
humidity test
1000 h / 40
°C / 93% relative humidity with VR,DC
Capacitance change |∆C/C|
≤3%
Dissipation factor change
≤0.5
∙ 10-3 (at 1 kHz)
≤1.0
∙ 10-3 (at 10 kHz))
Insulation resistance Rins
≥50% of minimum
or time constant
τ = CR ∙ Rins
as-delivered values
Reliability:
Failure rate
λ
Service life tSL
Failure criteria:
Total failure
Failure due to variation of
parameters
1 fit (
≤1 ∙ 10-9/h) at 0.5 ∙ VR, 40 °C
200 000 h at 1.0
∙ VR, Top = 85 °C
Considered self heating for this product family is 15
°C.
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
Short circuit or open circuit
Capacitance change |
ΔC/C|
>10%
Dissipation factor tan
δ
>4
∙ upper limit value
Insulation resistance Rins
< 1500 M
Ω (CR ≤0.33 µF)
or time constant
τ = CR ∙ Rins
< 500 s (CR >0.33 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com