Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684418 Datasheet(PDF) 17 Page - EPCOS

Part # B32656S7684418
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684418 Datasheet(HTML) 17 Page - EPCOS

Back Button B32656S7684418 Datasheet HTML 13Page - EPCOS B32656S7684418 Datasheet HTML 14Page - EPCOS B32656S7684418 Datasheet HTML 15Page - EPCOS B32656S7684418 Datasheet HTML 16Page - EPCOS B32656S7684418 Datasheet HTML 17Page - EPCOS B32656S7684418 Datasheet HTML 18Page - EPCOS B32656S7684418 Datasheet HTML 19Page - EPCOS B32656S7684418 Datasheet HTML 20Page - EPCOS B32656S7684418 Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
17 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S
Snubber (wound)
Ordering codes and packing units
VR
V DC
VRMS
f ≤1kHz
V AC
CR
nF
Max. dimensions
w x h x l
mm
IRMS
100 kHz
A
ESRtyp
100 kHz
mΩ
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
1250 500
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+408 T8
140
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+409 T9
140
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+411 T11
112
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+418 T18
140
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+561 T1
140
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+562 T2
140
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+563 T3
120
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+564 T4
128
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+565 T5
128
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+566 T6
140
470
18.0 x 32.5 x 42.0
9.0
8.5
B32656S7474+577 T7
156
470
19.0 x 37.5 x 42.0 17.0
4.0
B32656S7474+412* T12
264
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+408 T8
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+409 T9
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+410 T10
120
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+411 T11
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+418 T18
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+561 T1
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+562 T2
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+563 T3
104
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+564 T4
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+565 T5
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+566 T6
96
560
20.0 x 39.5 x 42.0 11.0
7.0
B32656S7564+577 T7
144
680
20.0 x 39.5 x 42.0 13.0
6.0
B32656S7684+408 T8
96
680
20.0 x 39.5 x 42.0 13.0
6.0
B32656S7684+409 T9
96
680
20.0 x 39.5 x 42.0 13.0
6.0
B32656S7684+410 T10
120
680
20.0 x 39.5 x 42.0 13.0
6.0
B32656S7684+411 T11
96
680
20.0 x 39.5 x 42.0 13.0
6.0
B32656S7684+418 T18
96
680
20.0 x 39.5 x 42.0 13.0
6.0
B32656S7684+561 T1
96
680
20.0 x 39.5 x 42.0 13.0
6.0
B32656S7684+562 T2
96
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
* This part is affected by "Dual Use" regulations according to the law of the country the production site is located in.
Deliveries of such products are subject to prior approval of the respective local authorities based on customer declara-
tions. The delivery to certain countries may be restricted.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J= ±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com