Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43762 Datasheet(PDF) 9 Page - EPCOS

Part # B43762
Description  Aluminum electrolytic capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43762 Datasheet(HTML) 9 Page - EPCOS

Back Button B43762 Datasheet HTML 5Page - EPCOS B43762 Datasheet HTML 6Page - EPCOS B43762 Datasheet HTML 7Page - EPCOS B43762 Datasheet HTML 8Page - EPCOS B43762 Datasheet HTML 9Page - EPCOS B43762 Datasheet HTML 10Page - EPCOS B43762 Datasheet HTML 11Page - EPCOS B43762 Datasheet HTML 12Page - EPCOS B43762 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
4 = for capacitors with ring clip/clamp mounting
6 = for capacitors with threaded stud
00 = standard
07 = heat sink mounting
08 = insulated base
50 = PAPR terminal style
57 = PAPR with heat sink mounting
58 = PAPR with insulated base
For details refer to "Design options" on page 14.
VR =500VDC
820
51.6
× 80.7 95
28
140
9.71
8.23
4.32
B437*2A6827M6##
1000
51.6
× 96.7 80
24
110
11.8
9.40
4.94
B437*2A6108M6##
1200
51.6
× 105.7 65
19
95
14.2
10.6
5.61
B437*2A6128M6##
1200
64.3
× 80.7 65
20
95
13.1
10.8
5.71
B437*2B6128M6##
1500
51.6
× 130.7 55
16
75
16.8
12.5
6.60
B437*2A6158M6##
1500
64.3
× 96.7 55
16
75
16.4
12.5
6.59
B437*2B6158M6##
1800
64.3
× 105.7 45
13
65
19.0
14.1
7.44
B437*2A6188M6##
2200
64.3
× 118.2 36
11
55
21.8
16.2
8.52
B437*2A6228M6##
2200
76.9
× 96.7 36
11
55
22.7
16.9
8.89
B437*2B6228M6##
2700
64.3
× 143.2 30
9.1
45
25.1
18.7
9.84
B437*2A6278M6##
2700
76.9
× 118.2 30
9.1
45
25.8
19.2
10.1
B437*2B6278M6##
2700
90.0
× 97.0 30
9.1
45
27.9
20.7
10.9
B437*2C6278M6##
3300
76.9
× 130.7 24
7.6
36
29.4
21.9
11.5
B437*2A6338M6##
3900
76.9
× 143.2 20
6.6
30
32.9
24.4
12.8
B437*2A6398M6##
3900
90.0
× 120.0 20
6.5
30
34.9
25.9
14.1
B437*2B6398M6##
4700
76.9
× 168.7 17
5.5
26
37.3
27.8
15.1
B437*2A6478M6##
4700
90.0
× 144.5 17
5.4
24
38.9
29.0
15.8
B437*2B6478M6##
5600
76.9
× 190.7 15
4.7
22
42.3
31.4
17.1
B437*2A6568M6##
5600
90.0
× 170.0 14
4.5
22
43.3
32.8
17.6
B437*2B6568M6##
6800
76.9
× 220.7 12
4.0
18
48.8
36.3
19.7
B437*2A6688M6##
6800
90.0
× 191.0 12
3.8
18
49.3
36.7
20.0
B437*2B6688M6##
8200
90.0
× 221.0 10
3.3
15
55.9
41.7
22.7
B437*2A6828M6##
B43742, B43762
105
°C
Page9of31
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com