Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43762 Datasheet(PDF) 19 Page - EPCOS

Part # B43762
Description  Aluminum electrolytic capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43762 Datasheet(HTML) 19 Page - EPCOS

Back Button B43762 Datasheet HTML 15Page - EPCOS B43762 Datasheet HTML 16Page - EPCOS B43762 Datasheet HTML 17Page - EPCOS B43762 Datasheet HTML 18Page - EPCOS B43762 Datasheet HTML 19Page - EPCOS B43762 Datasheet HTML 20Page - EPCOS B43762 Datasheet HTML 21Page - EPCOS B43762 Datasheet HTML 22Page - EPCOS B43762 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Additional accessories for capacitors with mounting stud on capacitor base
Insulating washer made of hostalen
Capacitor
diameter
Thread
size
Dimensional drawing
Diameter d
mm
Ordering code
51.6 mm
M12
d1 0.5 = 51
d2 0.5 = 31
d3
±0.3 = 21.5
d4
±0.2=13
B44020B0006B051
64.2 mm
M12
d1
0.5 = 63.5
d2
0.5 = 43.5
d3
±0.3 = 21.5
d4
±0.2 = 13
B44020B0006B064
76.9 mm
M12
d1
0.5 = 76
d2
0.5 = 56
d3
±0.3 = 21.5
d4
±0.2 = 13
B44020B0006B076
90.0 mm
M12
d1
0.5 = 89
d2
0.5 = 69
d3
±0.3 = 21.5
d4
±0.2 = 13
B44020B0006B090
Only for capacitors with threaded stud and without insulated base
Reinforced nylon cap nut
Capacitor
diameter
Thread
size
Dimensional drawing
Ordering code
>40mm
M121)
width across
flats 19 mm
B44020J0006B012
B44020J0007B012
1) Maximum torque M12: 7.0 Nm for mounting thread length
≥ 13 mm; 5.0 Nm for mounting thread length ≥ 10 mm
B43742, B43762
105
°C
Page 19 of 31
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com