Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43762 Datasheet(PDF) 24 Page - EPCOS

Part # B43762
Description  Aluminum electrolytic capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43762 Datasheet(HTML) 24 Page - EPCOS

Back Button B43762 Datasheet HTML 20Page - EPCOS B43762 Datasheet HTML 21Page - EPCOS B43762 Datasheet HTML 22Page - EPCOS B43762 Datasheet HTML 23Page - EPCOS B43762 Datasheet HTML 24Page - EPCOS B43762 Datasheet HTML 25Page - EPCOS B43762 Datasheet HTML 26Page - EPCOS B43762 Datasheet HTML 27Page - EPCOS B43762 Datasheet HTML 28Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Mounting set (ring clamps)
Protects the capacitor against tilt and the
terminals from mechanical stress
Fits for different capacitor length
Electrically insulated clamping material
Dimensions and ordering codes
Capacitor
diameter d
∅
min
Ordering code
76.9 mm
84 mm
B44030A0375B000
90.0 mm
96.5 mm
B44030A0390B000
Dimensional drawing
B43742, B43762
105
°C
Page 24 of 31
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com