Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC905LP3E Datasheet(PDF) 4 Page - Analog Devices

Part # HMC905LP3E
Description  6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC905LP3E Datasheet(HTML) 4 Page - Analog Devices

  HMC905LP3E Datasheet HTML 1Page - Analog Devices HMC905LP3E Datasheet HTML 2Page - Analog Devices HMC905LP3E Datasheet HTML 3Page - Analog Devices HMC905LP3E Datasheet HTML 4Page - Analog Devices HMC905LP3E Datasheet HTML 5Page - Analog Devices HMC905LP3E Datasheet HTML 6Page - Analog Devices HMC905LP3E Datasheet HTML 7Page - Analog Devices HMC905LP3E Datasheet HTML 8Page - Analog Devices HMC905LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 4
HMC905LP3E
6 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
v01.0414
H2, H3, H4, H5 Harmonics, Divide-by-1 [1]
H2, H3, H4, H5 Harmonics, Divide-by-2 [1]
[1] CTRL = 0, BIAS1, BIAS1 BIAS0 = 00, Pin = 6 dBm
Input to Output Isolation
H2, H3, H4, H5 Harmonics, Divide-by-3 [1]
H2, H3, H4, H5 Harmonics, Divide-by-4 [1]
-50
-40
-30
-20
-10
0
01
234
56
7
H2
H3
H4
H5
INPUT FREQUENCY (GHz)
CTRL=0,BIAS1BIAS0=00
-70
-60
-50
-40
-30
-20
-10
0
01
234
56
7
H2
H3
H4
H5
INPUT FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
01
234
56
7
H2
H3
H4
H5
INPUT FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
01
234
56
7
INPUT FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
01
234
56
7
H2
H3
H4
H5
INPUT FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com