Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC905LP3E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC905LP3E
Description  6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC905LP3E Datasheet(HTML) 5 Page - Analog Devices

  HMC905LP3E Datasheet HTML 1Page - Analog Devices HMC905LP3E Datasheet HTML 2Page - Analog Devices HMC905LP3E Datasheet HTML 3Page - Analog Devices HMC905LP3E Datasheet HTML 4Page - Analog Devices HMC905LP3E Datasheet HTML 5Page - Analog Devices HMC905LP3E Datasheet HTML 6Page - Analog Devices HMC905LP3E Datasheet HTML 7Page - Analog Devices HMC905LP3E Datasheet HTML 8Page - Analog Devices HMC905LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 5
v01.0414
HMC905LP3E
6 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
Absolute Maximum Ratings
RF Input Power
12 dBm
Supply Voltage (Vcc)
3.6V
Control Inputs
(B0, B1, CTRL, Bias0, EN)
3.6V
Junction Temperature
125 °C
Continuous Pdiss (T = 85 °C)
(derate 33 mW/ °C above 85 °C)
1.3 W
Thermal Resistance
(Junction to ground paddle)
30 °C/W
Storage Temperature
-65 to +125 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Typical Supply Current vs. EN, BIAS0, BIAS1 & CTRL Bits
Digital Control Input Voltages
EN
CTRL
BIAS1
BIAS0
3.3V Supply Typ.
Current (mA)
Pout Typ.
(dBm)
Noise Floor
1
0
0
0
84
1.5
Low
1
0
0
1
105
4.8
1
0
1
0
98
3.9
1
1
0
0
100
2.4
Better
1
1
0
1
120
6.3
Best
1
1
1
0
113
5.3
0
x
x
x
0.001
-55
Note: Currents for the divide-by-4 option, 2 GHz and 6 dBm input and 3.3V; for Vcc voltage supply from
3.15V to 3.45V, the HMC905LP3E total current is varying with a maximum of ~8% around typical values.
With temperature, the total current is changing from +25°C to -40°C/+85°C with about ±3%.
State
B0, B1, CTRL, BIAS1, BIAS0, EN
Low
0 to 0.8V
High
1.5V to 3.3V
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Programming Truth Table
for Frequency Division Ratios
B1
B0
Divide-by
0
0
1
0
1
2
1
0
3
1
1
4
0 = Logic Low
1 = Logic High
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com