Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC905LP3E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC905LP3E
Description  6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC905LP3E Datasheet(HTML) 1 Page - Analog Devices

  HMC905LP3E Datasheet HTML 1Page - Analog Devices HMC905LP3E Datasheet HTML 2Page - Analog Devices HMC905LP3E Datasheet HTML 3Page - Analog Devices HMC905LP3E Datasheet HTML 4Page - Analog Devices HMC905LP3E Datasheet HTML 5Page - Analog Devices HMC905LP3E Datasheet HTML 6Page - Analog Devices HMC905LP3E Datasheet HTML 7Page - Analog Devices HMC905LP3E Datasheet HTML 8Page - Analog Devices HMC905LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 1
v01.0414
HMC905LP3E
6 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
General Description
Features
Functional Diagram
Typical Applications
The HMC905LP3E is a SiGe BiCMOS low noise
programmable frequency divider in a 3x3 mm lead-
less surface mount package. The circuit can be pro-
grammed to divide from N = 1 to N = 4 in the 400 MHz
to 6 GHz input frequency range. The high level out-
put power (up to 6 dBm single ended) with a very low
SSB phase noise and 50% duty cycle makes this
device ideal for low noise clock generation, LO
generation and LO drive applications. Configurable
bias and output power controls allow current
consumption and output power control. The device
incorporates a power down feature, good input
to output isolation and fast start up time. The
HMC905LP3E can be included into fast switching
“ping-pong” applications.
Low Noise Floor:
-164 dBc/Hz at 10 MHz Offset for N = 4
Programmable Frequency Divider, N = 1, 2, 3 or 4
400 MHz to 6 GHz Input Frequency Range
Up to +6 dBm Output Power
Sleep Mode: Consumes <1 µA
16 Lead 3X3 mm SMT Package: 9mm2
Electrical Specifications, T
A = +25° C, Vcc = +3.3V, Z
o = 50Ω
The HMC905LP3E is ideal for:
• LO Generation with Low Noise Floor
• Software Defined Radios
• Clock Generators
• Fast Switching Synthesizers
• Military Applications
• Test Equipment
• Sensors
Parameter
Conditions
Min.
Typ.
Max.
Units
RF Input Characteristics
RF Input Frequency
Single-ended input
400
6000[1]
MHz
RF Input Power
Single-ended input
0
6
10
dBm
Divider Output Characteristics
Output Power (Single-ended Out)
-Typically, 50 ohms load resistors connected to Vcc
- 1 bit programmable (CTRL digital signal) [2]
-2
3
6
dBm
SSB Phase Noise @ 10 kHz Offset
+6 dBm Input Power, 6 GHz input,
Single-Ended Input and Output, Divide-by-4 [3]
-150
dBc/Hz
SSB Phase Noise @ 100 kHz Offset
-158
dBc/Hz
SSB Phase Noise @ 10 MHz Offset
-164
dBc/Hz
Start Up Time
EN bit from OFF to ON State (0V to Vcc)
200
ns
Power Down Time
EN bit from ON to OFF State (Vcc to 0V)
20
ns
Setting Time at Division Ratio Change
Delay from divide ratio change
to output frequency change
25
ns
[1] Maximum 5500 MHz in Divide by 2.
[2] See typical supply currents vs. BIAS0, BIAS1, CTRL bits table
[3] See Residual Phase Noise plot
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC905LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
More results

Similar Description - HMC905LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC705LP4 HITTITE-HMC705LP4 Datasheet
1Mb / 12P
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
Low Noise Amplifier 1 ??4 GHz
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
logo
Guerrilla RF, Inc.
GRF2074W GUERRILLA-GRF2074W Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier 1 to 6 GHz
February 20, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com