Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2855IGN Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2855IGN
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855IGN Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2855IGN Datasheet HTML 3Page - Analog Devices LTC2855IGN Datasheet HTML 4Page - Analog Devices LTC2855IGN Datasheet HTML 5Page - Analog Devices LTC2855IGN Datasheet HTML 6Page - Analog Devices LTC2855IGN Datasheet HTML 7Page - Analog Devices LTC2855IGN Datasheet HTML 8Page - Analog Devices LTC2855IGN Datasheet HTML 9Page - Analog Devices LTC2855IGN Datasheet HTML 10Page - Analog Devices LTC2855IGN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2854/LTC2855
7
285455fc
For more information www.linear.com/LTC2854
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Skew
vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
RTERM vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
TA = 25°C, VCC = 3.3V, unless otherwise noted.
Receiver Output Voltage vs
Output Current (Source and Sink)
TEMPERATURE (˚C)
–40
1
80
285455 G01
0
2
0
40
–20
100
20
60
120
–1
VAB = 1.5V
CL = 15pF
TEMPERATURE (˚C)
–40
1
80
285455 G02
0
0
40
–20
100
20
60
120
–1
RDIFF = 54
CL = 100pF
TEMPERATURE (˚C)
–40
12
14
16
80
285455 G03
10
9
0
40
–20
100
20
60
120
6
4
18
RDIFF = 54
CL = 100pF
TEMPERATURE (˚C)
–40
120
125
130
80
285455 G04
115
110
0
40
–20
100
20
60
120
105
100
135
OUTPUT CURRENT (mA)
0
2
3
60
285455 G05
1
20
40
10
30
50
70
0
VOH
VOL
TEMPERATURE (˚C)
–40
2
3
80
285455 G06
1
0
40
–20
100
20
60
120
0
RDIFF =
∞
RDIFF = 100
RDIFF = 54
OUTPUT CURRENT (mA)
0
2
3
285455 G07
1
2
4
1
3
5
6
0
SOURCE
SINK
TEMPERATURE (˚C)
–40
55
60
65
80
285455 G08
50
45
0
40
–20
100
20
60
120
40
35
70
VAB = 1.5V
CL = 15pF
DATA RATE (Mbps)
0.1
0
40
50
60
1
10
100
285455 G09
30
20
10
CL = 100pF
RDIFF =
∞
RDIFF = 100
RDIFF = 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com