Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2855IGN Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2855IGN
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855IGN Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2855IGN Datasheet HTML 5Page - Analog Devices LTC2855IGN Datasheet HTML 6Page - Analog Devices LTC2855IGN Datasheet HTML 7Page - Analog Devices LTC2855IGN Datasheet HTML 8Page - Analog Devices LTC2855IGN Datasheet HTML 9Page - Analog Devices LTC2855IGN Datasheet HTML 10Page - Analog Devices LTC2855IGN Datasheet HTML 11Page - Analog Devices LTC2855IGN Datasheet HTML 12Page - Analog Devices LTC2855IGN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2854/LTC2855
9
285455fc
For more information www.linear.com/LTC2854
BLOCK DIAGRAMS
LTC2854
LOGIC INPUTS
DE
RE
TE
MODE
A, B
RO
TERMINATOR
0
0
0
RECEIVE
RIN
DRIVEN
OFF
0
0
1
RECEIVE WITH TERM
RTERM
DRIVEN
ON
0
1
0
SHUTDOWN
RIN
HIGH-Z
OFF
0
1
1
TERM ONLY
RTERM
HIGH-Z
ON
1
0
0
TRANSMIT WITH RECEIVE
DRIVEN
DRIVEN
OFF
1
0
1
TRANSMIT WITH RECEIVE
AND TERM
DRIVEN
DRIVEN
ON
1
1
0
TRANSMIT
DRIVEN
HIGH-Z
OFF
1
1
1
TRANSMIT WITH TERM
DRIVEN
HIGH-Z
ON
LTC2855
LOGIC INPUTS
DE
RE
TE
MODE
A, B
Y, Z
RO
TERMINATOR
0
0
0
RECEIVE
RIN
HIGH-Z
DRIVEN
OFF
0
0
1
RECEIVE WITH TERM
RTERM
HIGH-Z
DRIVEN
ON
0
1
0
SHUTDOWN
RIN
HIGH-Z
HIGH-Z
OFF
0
1
1
TERM ONLY
RTERM
HIGH-Z
HIGH-Z
ON
1
0
0
TRANSMIT WITH RECEIVE
RIN
DRIVEN
DRIVEN
OFF
1
0
1
TRANSMIT WITH RECEIVE
AND TERM
RTERM
DRIVEN
DRIVEN
ON
1
1
0
TRANSMIT
RIN
DRIVEN
HIGH-Z
OFF
1
1
1
TRANSMIT WITH TERM
RTERM
DRIVEN
HIGH-Z
ON
LTC2854
LTC2855
DE
RO
DI
A
(15kV)
TE
VCC
B
(15kV)
Z
(15kV)
Y
(15kV)
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
120
RTERM
120
RTERM
DE
RO
DI
A
25kV
TE
B
25kV
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
285455 BD
VCC
GND
125k
RIN
125k
RIN
125k
RIN
125k
RIN
GND
FUNCTION TABLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com