Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2855IGN Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2855IGN
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855IGN Datasheet(HTML) 2 Page - Analog Devices

  LTC2855IGN Datasheet HTML 1Page - Analog Devices LTC2855IGN Datasheet HTML 2Page - Analog Devices LTC2855IGN Datasheet HTML 3Page - Analog Devices LTC2855IGN Datasheet HTML 4Page - Analog Devices LTC2855IGN Datasheet HTML 5Page - Analog Devices LTC2855IGN Datasheet HTML 6Page - Analog Devices LTC2855IGN Datasheet HTML 7Page - Analog Devices LTC2855IGN Datasheet HTML 8Page - Analog Devices LTC2855IGN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2854/LTC2855
2
285455fc
For more information www.linear.com/LTC2854
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 7V
Logic Input Voltages (RE, DE, DI, TE)............ –0.3V to 7V
Interface I/O:
A, B, Y, Z.......................................(VCC –15V) to +15V
(A-B) or (B-A) with Terminator Enabled ..................6V
Receiver Output Voltage (RO) ........–0.3V to (VCC +0.3V)
(Note 1)
Operating Temperature (Note 4)
LTC2854C, LTC2855C.............................. 0°C to 70°C
LTC2854I, LTC2855I ............................–40°C to 85°C
LTC2854H, LTC2855H ....................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
GN Package ......................................................300°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
B
A
NC
GND
RO
RE
DE
DI
TE
11
EXPOSED PAD (PIN 11) PCB GND CONNECTION
TJMAX = 150°C, θJA = 43°C/W
θJC = 2.96°C/W
12
11
10
9
8
7
1
2
3
4
5
6
VCC
A
B
Z
Y
NC
RO
RE
DE
DI
TE
GND
TOP VIEW
DE PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
13
EXPOSED PAD (PIN 13) PCB GND CONNECTION
TJMAX = 150°C, θJA = 44°C/W
θJC = 4.3°C/W
RO
RE
DE
DI
TE
GND
NC
NC
VCC
B
Z
NC
NC
NC
A
Y
GN PACKAGE
16-LEAD (NARROW 0.150) PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
TJMAX = 150°C, θJA = 110°C/W
θJC = 40°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2854CDD#PBF
LTC2854CDD#TRPBF
LCQG
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2854IDD#PBF
LTC2854IDD#TRPBF
LCQG
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2854HDD#PBF
LTC2854HDD#TRPBF
LCQG
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2855CDE#PBF
LTC2855CDE#TRPBF
2855
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LTC2855IDE#PBF
LTC2855IDE#TRPBF
2855
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2855HDE#PBF
LTC2855HDE#TRPBF
2855
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2855CGN#PBF
LTC2855CGN#TRPBF
2855
16-Lead (Narrow 0.150) Plastic SSOP
0°C to 70°C
LTC2855IGN#PBF
LTC2855IGN#TRPBF
2855I
16-Lead (Narrow 0.150) Plastic SSOP
–40°C to 85°C
LTC2855HGN#PBF
LTC2855HGN#TRPBF
2855H
16-Lead (Narrow 0.150) Plastic SSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2854CDD
LTC2854CDD#TR
LCQG
10-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2854IDD
LTC2854IDD#TR
LCQG
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2854HDD
LTC2854HDD#TR
LCQG
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2855CDE
LTC2855CDE#TR
2855
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LTC2855IDE
LTC2855IDE#TR
2855
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2855HDE
LTC2855HDE#TR
2855
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2855CGN
LTC2855CGN#TR
2855
16-Lead (Narrow 0.150) Plastic SSOP
0°C to 70°C
LTC2855IGN
LTC2855IGN#TR
2855I
16-Lead (Narrow 0.150) Plastic SSOP
–40°C to 85°C
LTC2855HGN
LTC2855HGN#TR
2855H
16-Lead (Narrow 0.150) Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com