Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX91LP4EVK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX91LP4EVK
Description  Applications Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91LP4EVK Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX91LP4EVK Datasheet HTML 1Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 2Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 3Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 4Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 5Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 6Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 7Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 8Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
About the i.MX 91 EVK
The i.MX 91 family of applications processors enables the rapid creation
of new Linux-based edge devices. It excels in advanced multimedia
and industrial IoT applications etc. Elevating edge intelligence, i.MX 91
processors provide a solid foundation for devices in smart factory, smart
home, smart office, medical device, metering, and cost-optimized
system-on-module platforms.
Specifications
Compute card:
• i.MX 91 applications processor with:
– 1x Arm® Cortex®-A55
• LPDDR4 16-bit 2 GB
• eMMC 5.1, 16 GB
• Power management IC (PMIC)
• Power measurement ADC
Base board:
• MicroSD 3.0 card slot
• Two USB 2.0 C connector
• One USB 2.0 C for Debug
• One USB C PD only
• M.2 Key-E for Wi-Fi/BT/802.15.4
• One CAN port
• Four channels for ADC
• 6-axis IMU w/ I3C support
• Two 1 Gbps Ethernet
– Port1 supports TSN
– Port2 supports ETER
• I2C Expansion connector
• Audio Codec support
• PDM MIC array support
• External RTC w/ coin cell
• 2 x 20 Pin EXPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com