Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX91LP4EVK Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IMX91LP4EVK
Description  Applications Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91LP4EVK Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IMX91LP4EVK Datasheet HTML 3Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 4Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 5Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 6Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 7Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 8Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 9Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 10Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1 Confirmboot
switches
The boot switches should be set to boot
from “eMMC”, SW1301[4-1] (Figure 1) are
used for boot, See table below:
BOOT Device
SW1301[4-1]
eMMC/uSDHC1
0000
Note: 1 = ON 0 = OFF
2 ConnectUSB
debug cable
Connect the UART cable into the port
JP1401 (Figure 1). Connect the other end
of the cable to a PC acting as a host terminal.
UART connections will appear on the PC,
The third port will be used as A55 core
system debugging.
Open the terminal window (i.e., Hyper Terminal
or Tera Term), choose the right COM port
number and apply the following configuration.
• Baud rate: 115200 bps
• Data bits: 8
• Parity: None
• Stop bits: 1
3 Connectparallel
panel display
Plug the parallel LCD panel (TM050RDH03-41)
into J1001 2x20 PIN EXPI.
Change DTB to “imx91-11x11-evk-tianma-
wvga-panel.dtb” in u-boot phase.
4Connect
mouse
Connect the mouse to the USB2 C port
connector J302 through USB C OTG cable.
Setting up the system
The following will describe how to run the pre-loaded Linux image on the IMX91LP4EVK (i.MX 91).
7
Quick Start Guide i.MX 91 EVK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com