Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX91LP4EVK Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX91LP4EVK
Description  Applications Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91LP4EVK Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX91LP4EVK Datasheet HTML 4Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 5Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 6Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 7Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 8Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 9Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 10Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 11Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Quick Start Guide i.MX 91 EVK
Additional information
Table 4 — Boot device settings
BOOT MODE
SW1301-4
SW1301-3
SW1301-2
SW1301-1
From internal fuses
0
0
0
1
Serial downloader
0
0
1
1
USDHC1 8-bit eMMC 5.1
0
0
0
0
USDHC2 4-bit SD3.0
0
0
1
0
FlexSPI serial NOR
0
1
0
1
FlexSPI serial NAND 2K page
0
1
1
1
Reserved
0
1
0
0
Reserved
0
1
1
0
Boot switches
SW1301[4-1] is the boot configuration switch, the default boot device is eMMC/uSDHC1,
as shown in Table 4. If you want to try other boot devices, you need to change the boot
switches to corresponding values as listed in Table 4.
Note: 1 = ON 0 = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com