Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS495303 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS495303
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495303 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS495303 Datasheet HTML 7Page - Cirrus Logic CS495303 Datasheet HTML 8Page - Cirrus Logic CS495303 Datasheet HTML 9Page - Cirrus Logic CS495303 Datasheet HTML 10Page - Cirrus Logic CS495303 Datasheet HTML 11Page - Cirrus Logic CS495303 Datasheet HTML 12Page - Cirrus Logic CS495303 Datasheet HTML 13Page - Cirrus Logic CS495303 Datasheet HTML 14Page - Cirrus Logic CS495303 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705PP2
®Copyright 2008 Cirrus Logic, Inc.
11
5.4 Power Supply Characteristics
(measurements performed under operating conditions)
5.5 Thermal Data (144 LQFP)
5.6 Thermal Data (128 LQFP)
Notes: 1. Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz copper covering 20 %
of the top & bottom layers.
2.
Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz copper covering 20 %
of the top & bottom layers and 0.5-oz copper covering 90 % of the internal power plane and ground plane layers.
3.
To calculate the die temperature for a given power dissipation
4.
Τ
j = Ambient Temperature + [ (Power Dissipation in Watts) *
θ
ja ]
5.
To calculate the case temperature for a given power dissipation
6.
Τ
c =
Τ
j - [ (Power Dissipation in Watts) * ψ jt ]
5.7 Switching Characteristics— RESET
Parameter
Min
Typ
Max
Unit
Power supply current:
Core and I/O operating: VDD1
PLL operating: VDDA
With external memory and most ports operating: VDDIO
1. Dependent on application firmware and DSP clock speed.
-
-
-
500
3.5
120
-
-
-
mA
mA
mA
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
θ
ja
-
-
48
40
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
ψ
jt
-
-
.39
.33
-
-
°C / Watt
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
θ
ja
-
-
53
44
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
ψ
jt
-
-
.45
.39
-
-
°C / Watt
Parameter
Symbol
Min
Max
Unit
RESET# minimum pulse width low
Trstl
1-
μs
All bidirectional pins high-Z after RESET# low
Trst2z
-100
ns
Configuration pins setup before RESET# high
Trstsu
50
-
ns
Configuration pins hold after RESET# high
Trsthld
20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com