Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS495303 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS495303
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495303 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS495303 Datasheet HTML 20Page - Cirrus Logic CS495303 Datasheet HTML 21Page - Cirrus Logic CS495303 Datasheet HTML 22Page - Cirrus Logic CS495303 Datasheet HTML 23Page - Cirrus Logic CS495303 Datasheet HTML 24Page - Cirrus Logic CS495303 Datasheet HTML 25Page - Cirrus Logic CS495303 Datasheet HTML 26Page - Cirrus Logic CS495303 Datasheet HTML 27Page - Cirrus Logic CS495303 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
24
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
5.18 Switching Characteristics — DSD Slave Input Port
Figure 13. Direct Stream Digital - Serial Audio Input Timing
5.19 Switching Characteristics — Digital Audio Output Port
Parameter
Symbol
Min
Typ
Max
Unit
DSD_SCLK Pulse Width Low
tsclkl
78
-
-
ns
DSD_SCLK Pulse Width High
tsclkh
78
-
-
ns
DSD_SCLK Frequency
(64x Oversampled)
-
1.024
-
3.2
MHz
DSD_A / _B valid to DSD_SCLK rising setup time
tsdlrs
20
-
-
ns
DSD_SCLK rising to DSD_A or DSD_B hold time
tsdh
20
-
-
ns
DSD clock to data transition (Phase Modulation mode)
tdpm
-20
-
20
ns
Parameter
Symbol
Min
Max
Unit
DAO_MCLK period1
1. CS4953xx has two Digital Audio Output modules having similar signal names ending in 1 and 2. Both DAO ports
share a common MCLK but have independent SCLKs and LRCLKs.
Tdaomclk
40
-
ns
DAO_MCLK duty cycle1
-40
60
%
DAO_SCLK period for Master or Slave mode2
2. Master mode timing specifications are characterized, not production tested.
Tdaosclk
40
-
ns
DAO_SCLK duty cycle for Master or Slave mode2
-40
60
%
Master Mode (Output A1 Mode)2,3
3. Master mode is defined as the CS4953xx driving both DAO_SCLK, DAO_LRCLK. When MCLK is an input, it is
divided to produce DAO_SCLK, DAO_LRCLK.
DAO_SCLK delay from DAO_MCLK rising edge, DAO_MCLK as an
input
tdaomsck
-19
ns
DAO_LRCLK delay from DAO_SCLK transition, respectively4
4. This timing parameter is defined from the non-active edge of DAO_SCLK. The active edge of DAO_SCLK is the
point at which the data is valid.
tdaomstlr
-8
ns
DAO_DATA[3:0] delay from DAO_SCLK transition4
tdaomdv
-10
ns
Slave Mode (Output A0 Mode)5
5.Slave mode is defined as DAO_SCLK, DAO_LRCLK driven by an external source.
DAO_DATA[3..0] delay from DAO_SCLK transition4
tdaosdv
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com