Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R172LT1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 3Page - STMicroelectronics ST10R172LT1 Datasheet HTML 4Page - STMicroelectronics ST10R172LT1 Datasheet HTML 5Page - STMicroelectronics ST10R172LT1 Datasheet HTML 6Page - STMicroelectronics ST10R172LT1 Datasheet HTML 7Page - STMicroelectronics ST10R172LT1 Datasheet HTML 8Page - STMicroelectronics ST10R172LT1 Datasheet HTML 9Page - STMicroelectronics ST10R172LT1 Datasheet HTML 10Page - STMicroelectronics ST10R172LT1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7/68
ST10R172L - PIN DESCRIPTION
P4.0–
P4.7
23-26
29-32-
I/O
5T
An 8-bit bidirectional I/O port. Port 8 is bit-wise programmable
for input or output via direction bits. For a pin configured as
input, the output driver is put into high-impedance state.
Port 4 can be used to output the segment address lines for
external bus configuration.
23
O
5T
P4.0
A16
Least Significant Segment Addr. Line
...
...
...
...
...
...
26
O
5T
P4.3
A19
Segment Address Line
29
O
5T
P4.4
A20
Segment Address Line
O
5T
SSPCE1
Chip Enable Line 1
30
O
5T
P4.5
A21
Segment Address Line
O
5T
SSPCE0
SSPChip Enable Line 0
31
O
5T
P4.6
A22
Segment Address Line
I/O
5T
SSPDAT
SSP Data Input/Output Line
32
O
5T
P4.7
A23
Most Significant Segment Addr. Line
O
5T
SSPCLK
SSP Clock Output Line
RD
33
O
5T
External Memory Read Strobe. RD is activated for every exter-
nal instruction or data read access.
WR/
WRL
34
O
5T
External Memory Write Strobe. In WR-mode, this pin is acti-
vated for every external data write access. In WRL-mode, this
pin is activated for low byte data write accesses on a 16-bit
bus, and for every data write access on an 8-bit bus.
See WRCFG in the SYSCON register for mode selection.
READY/
READY
35
I
5T
Ready Input. Active level is programmable. When the Ready
function is enabled, the selected inactive level at this pin dur-
ing an external memory access will force the insertion of mem-
ory cycle time waitstates until the pin returns to the selected
active level. Polarity is programmable.
Table 1 Pin definitions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com