Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R172LT1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 20Page - STMicroelectronics ST10R172LT1 Datasheet HTML 21Page - STMicroelectronics ST10R172LT1 Datasheet HTML 22Page - STMicroelectronics ST10R172LT1 Datasheet HTML 23Page - STMicroelectronics ST10R172LT1 Datasheet HTML 24Page - STMicroelectronics ST10R172LT1 Datasheet HTML 25Page - STMicroelectronics ST10R172LT1 Datasheet HTML 26Page - STMicroelectronics ST10R172LT1 Datasheet HTML 27Page - STMicroelectronics ST10R172LT1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
24/68
ST10R172L - WATCHDOG TIMER
11
WATCHDOG TIMER
The Watchdog Timer is a fail-safe mechanism which limits the malfunction time of the
controller. The Watchdog Timer is always enabled after device reset and can only be disabled
in the time interval until the EINIT (end of initialization) instruction has been executed. In this
way, the chip’s start-up procedure is always monitored. The software must be designed to
service the Watchdog Timer before it overflows. If, due to hardware or software related
failures, the software fails to maintain the Watchdog Timer, it will overflow generating an
internal hardware reset and pulling the RSTOUT pin low to reset external hardware
components.
The Watchdog Timer is a 16-bit timer, clocked with the system clock divided either by 2 or by
128. The high byte of the Watchdog Timer register can be set to a pre-specified reload value
(stored in WDTREL) in order to allow further variation of the monitored time interval. Each
time it is serviced by the application software, the high byte of the Watchdog Timer is
reloaded. The table below shows the watchdog time range which for a 50MHz CPU clock
rounded to 3 significant figures.
011
SSP clock = CPU clock divided by 16
3.13 MBit/s
100
SSP clock = CPU clock divided by 32
1.56 MBit/s
101
SSP clock = CPU clock divided by 64
781 KBit/s
110
SSP clock = CPU clock divided by 128
391 KBit/s
111
SSP clock = CPU clock divided by 256
195 KBit/s
Reload value
in WDTREL
Prescaler for fCPU
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFH
10.24 µs
655 µs
00H
2.62 ms
168 ms
Table 9 Watchdog timer range
SSPCKS Value
Synchronous baud rate
Table 8 Synchronous baud rate and SSPCKS reload values
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com