Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R172LT1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 32Page - STMicroelectronics ST10R172LT1 Datasheet HTML 33Page - STMicroelectronics ST10R172LT1 Datasheet HTML 34Page - STMicroelectronics ST10R172LT1 Datasheet HTML 35Page - STMicroelectronics ST10R172LT1 Datasheet HTML 36Page - STMicroelectronics ST10R172LT1 Datasheet HTML 37Page - STMicroelectronics ST10R172LT1 Datasheet HTML 38Page - STMicroelectronics ST10R172LT1 Datasheet HTML 39Page - STMicroelectronics ST10R172LT1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
36/68
ST10R172L - ELECTRICAL CHARACTERISTICS
15.3
AC Characteristics
Test conditions
•
Input pulse levels: ........................................................................................... 0 to +3.0 V
•
Input rise and fall times (10%-90%):........................................................................ 2.5 ns
•
Input timing reference levels: ................................................................................. +1.5 V
•
Output timing reference levels: .............................................................................. +1.5 V
•
Output load: ................................................................................................... seeFigure 9
Figure 8 Input waveforms
Figure 9 Output load circuit waveform
≤ 2.5ns
10%
90%
≤ 2.5 ns
10%
90%
0 V
3 V
1.5V
1.5V
timing ref. points
VOL
VOH
1.5V
1.5V
timing reference points
~
Vref
IOL = 1mA
IOH = 1mA
Fromoutput
under test
CL = 50pF
3.3 V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com