Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7333N Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7333N
Description  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7333N Datasheet HTML 7Page - STMicroelectronics TDA7333N Datasheet HTML 8Page - STMicroelectronics TDA7333N Datasheet HTML 9Page - STMicroelectronics TDA7333N Datasheet HTML 10Page - STMicroelectronics TDA7333N Datasheet HTML 11Page - STMicroelectronics TDA7333N Datasheet HTML 12Page - STMicroelectronics TDA7333N Datasheet HTML 13Page - STMicroelectronics TDA7333N Datasheet HTML 14Page - STMicroelectronics TDA7333N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TDA7333N
Functional description
11/36
3
Functional description
3.1
Overview
The new RDS/RBDS processor contains all RDS/RBDS relevant functions on a single chip.
It recovers the inaudible RDS/RBDS information which are transmitted on most FM radio
broadcasting stations.
The oscillator frequency can be derived from the tuner with typical value of 10.25 MHz . The
device can operate with frequencies in the range of 4-21 MHz. Therefor the fractional PLL
must be initialized through I2C/SPI interface to generate the internal 8.55 MHz or 8.664 MHz
reference clock with a freq. tolerance of ±0.7 kHz.
Due to an integrated 3rd order sigma delta converter, which samples the MPX signal, all
further processing is done in the digital. After filtering the highly over sampled output of the
A/D converter, the RDS/RBDS demodulator extracts the RDS data clock, RDS data signal
and the quality information. A next RDS/RBDS decoder will synchronize the bit wise RDS
stream to a group and block wise information. This processing includes an error detection
and error correction algorithm. In addition, an automatic flywheel control avoids overheads
in the data exchange between the RDS/RBDS processor and the host.
The device operates in accordance with the CENELEC Radio Data System (RDS)
specification EN50067.
3.2
Fractional PLL
Figure 3.
Fractional PLL
Phase
Comperator
& VCO
Input
Divider
Output
Divider
Fractional
Divider
PLL Controller
Mux
f(vco)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com