Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST18952X66S Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 11Page - STMicroelectronics ST18952X66S Datasheet HTML 12Page - STMicroelectronics ST18952X66S Datasheet HTML 13Page - STMicroelectronics ST18952X66S Datasheet HTML 14Page - STMicroelectronics ST18952X66S Datasheet HTML 15Page - STMicroelectronics ST18952X66S Datasheet HTML 16Page - STMicroelectronics ST18952X66S Datasheet HTML 17Page - STMicroelectronics ST18952X66S Datasheet HTML 18Page - STMicroelectronics ST18952X66S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
15/66
ST18952
5
Memory
5.1
Internal memory resource
One 32 Kword and two 8 Kword single port memories are included on-chip:
• Instruction memory on I space from address 0 to 32767 (32 K)
• X-Data memory on X space from address 0 to 8191 (8 K)
• Y-Data memory on Y space from address 0 to 8191 (8 K)
One 512 word dual port memory is shared on X and Y spaces, from addresses 8192 (8 K) to
8703 (8.5K). This is represented graphically below.
Note: the first 256 addresses of the Y space are reserved for the D950 memory-mapped
registers and for on-chip memory mapped peripherals.
Memory can be extended off-chip for all three spaces in two ways:
1: Directly - Accesses to program and data memories can be performed simulta-
neously. Insertion of wait-states is necessary in case of nominal frequency
work.
2: Through the bus switch unit - Accesses to the different external spaces are mul-
tiplexed and wait-states are added.
The specific details on the operation of the BSU are described separately in ”Bus Switch Unit”
on page 18.
Figure 5.1
Memory mapping
0000
1FFF
8k
32k
FFFF
64k
64k
Internal SPRAM
Internal SPRAM
Registers
External
Internal SPRAM
External
External
All addresses are hexadecimal
Internal DPRAM
Internal DPRAM
21FF
8.5k
0100
64k
8k
8.5k
FFFF
8000
1FFF
FFFF
21FF
External memory is accessed directly or through the bus switch
X-memory
I-memory
Y-memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com