Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST18952X66S Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 54Page - STMicroelectronics ST18952X66S Datasheet HTML 55Page - STMicroelectronics ST18952X66S Datasheet HTML 56Page - STMicroelectronics ST18952X66S Datasheet HTML 57Page - STMicroelectronics ST18952X66S Datasheet HTML 58Page - STMicroelectronics ST18952X66S Datasheet HTML 59Page - STMicroelectronics ST18952X66S Datasheet HTML 60Page - STMicroelectronics ST18952X66S Datasheet HTML 61Page - STMicroelectronics ST18952X66S Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
58/66
ST18952
Table 16.2
SIO0 registers
00EA
STB2
SIO transmit buffer
00E9
STB1
SIO transmit buffer
00E8
STB0
SIO transmit buffer
00E7
-/-/STSR
reserved - unused on the ST18952
00E6
-/SAR/SMR
reserved - unused on the ST18952
00E5
SSR
Status
00E4
SER
Enable
00E3
SFR
Frequency
00E2
SCR
Control
00E1
SRDR
Receive data
00E0
STDR
Transmit data
Address (Hex)
Register
Description
0071-00DF
reserved
0070
SCOR
SIO control register
006F
SRB3
SIO receive buffer
006E
SRB2
SIO receive buffer
006D
SRB1
SIO receive buffer
006C
SRB0
SIO receive buffer
006B
STB3
SIO transmit buffer
006A
STB2
SIO transmit buffer
0069
STB1
SIO transmit buffer
0068
STB0
SIO transmit buffer
0067
-/-/STSR
reserved - unused on the ST18952
0066
-/SAR/SMR
reserved - unused on the ST18952
0065
SSR
Status
0064
SER
Enable
0063
SFR
Frequency
0062
SCR
Control
0061
SRDR
Receive data
0060
STDR
Transmit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com