Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST18952X66S Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 57Page - STMicroelectronics ST18952X66S Datasheet HTML 58Page - STMicroelectronics ST18952X66S Datasheet HTML 59Page - STMicroelectronics ST18952X66S Datasheet HTML 60Page - STMicroelectronics ST18952X66S Datasheet HTML 61Page - STMicroelectronics ST18952X66S Datasheet HTML 62Page - STMicroelectronics ST18952X66S Datasheet HTML 63Page - STMicroelectronics ST18952X66S Datasheet HTML 64Page - STMicroelectronics ST18952X66S Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
61/66
ST18952
16.8 Emulation unit registers
16.9 D950Core control registers
Address (Hex)
Register
Description
0018
PCB
PC trace buffer
0017
BPC
Breakpoint counter
0016
BP3
Breakpoint register 3
0015
BP2
Breakpoint register 2
0014
BP1
Breakpoint register 1
0013
BP0
Breakpoint register 0
0012
BC1
Breakpoint control register 1
0011
BC0
Breakpoint control register 0
0010
ECS
EMU control and status register
Address (Hex)
Register
Description
0007
PCSR
Port control sensitivity register
0006
PCDR
Port control direction register
0005
PIR
Port input register
0004
POR
Port output register
0003
MY
Y-memory space modulo max address
0002
BY
Y-memory space modulo base address
0001
MX
X-memory space modulo max address
0000
BX
X-memory space modulo base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com