Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAHC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAHC
Description  5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAHC Datasheet HTML 1Page - Wall Industries,Inc. PSAHC Datasheet HTML 2Page - Wall Industries,Inc. PSAHC Datasheet HTML 3Page - Wall Industries,Inc. PSAHC Datasheet HTML 4Page - Wall Industries,Inc. PSAHC Datasheet HTML 5Page - Wall Industries,Inc. PSAHC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAHC Series
5 Watt Single Output
Encapsulated PCB Mount
AC/DC Switching Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output Voltage
Output Current
Output Power
Efficiency
PSAHC-3.3S
90 –264 VAC
3.3 VDC
1250mA
4W
64%
PSAHC-5S
90 –264 VAC
5 VDC
1000mA
5W
67%
PSAHC-12S
90 –264 VAC
12 VDC
420mA
5W
73%
PSAHC-15S
90 –264 VAC
15 VDC
333mA
5W
73%
PSAHC-24S
90 –264 VAC
24 VDC
230mA
5.5W
75%
NOTES
1. Dimensions of the mechanical drawing are shown in millimeters.
2. Weight of the unit is 30 grams.
3. Output Noise is measured with a 47µF tantalum capacitor and a 0.1µF ceramic capacitor across the output.
4. Mechanical Version Options Available (see pages 4-6). Please call factory for ordering details.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com