Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAHC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAHC
Description  5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAHC Datasheet HTML 1Page - Wall Industries,Inc. PSAHC Datasheet HTML 2Page - Wall Industries,Inc. PSAHC Datasheet HTML 3Page - Wall Industries,Inc. PSAHC Datasheet HTML 4Page - Wall Industries,Inc. PSAHC Datasheet HTML 5Page - Wall Industries,Inc. PSAHC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAHC Series
5 Watt Single Output
Encapsulated PCB Mount
AC/DC Switching Power Supply
FEATURES
● High Efficiency
● 2 Year Warranty
● CE, UL Approval
● Regulated Output
● Low Ripple and Noise
● Fully Encapsulated Plastic Case
● Universal Input Range: 90~264VAC
● Switching Power Module for PCB Mounting
SPECIFICATIONS: PSAHC Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC or 120 ~ 370 VDC
Input Frequency
47 ~ 440Hz
Input Current (Full Load)
110mA max @ 115VAC, 70mA max @ 230VAC
Inrush Current (< 2ms)
10A max @ 115VAC, 20A max @ 230VAC
Leakage Current
0.75mA max
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
See Table
Voltage Accuracy
±2%
Line Regulation (LL – HL)
±0.3% typical
Load Regulation (5% to 100%)
±0.5% typical
Output Current
See Table
Ripple (Vp-p)
< 0.2% Vout +40mV max.
Noise (Vp-p)
< 0.5% Vout +50mV max.
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model.
Hold Up Time
15ms min.
Temperature Coefficient
±0.02%/°C
PROTECTION
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
External Fuse Recommendation for Input
1.5A slow blow type
GENERAL SPECIFICATIONS
Switching Frequency
132KHz
Efficiency
See Table
Isolation Voltage (Input to Output)
3000VAC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +70°C (with derating)
Storage Temperature
-40°C to +85°C
Humidity
95% RH
Cooling
Free air convection
MTBF
> 360,000 hours @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
30g
Dimensions
2.0(L) x 1.0(W) x 0.597(H) inches (50.8(L) x 25.4(W) x 15.16(H) mm) Tolerance ±0.5mm
SAFETY & EMC
Agency Approvals
UL/cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMS (Noise Immunity)
EN 55024


Similar Part No. - PSAHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-12S WALL-PSAHC-12S Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-15S WALL-PSAHC-15S Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-24S WALL-PSAHC-24S Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-3.3S WALL-PSAHC-3.3S Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
More results

Similar Description - PSAHC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAFC WALL-PSAFC Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAPC WALL-PSAPC Datasheet
171Kb / 3P
5 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSAQC60 WALL-PSAQC60 Datasheet
199Kb / 3P
For PCB Mount 60 Watt Single Output AC/DC Switching Power Supply
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
PSS60 WALL-PSS60 Datasheet
157Kb / 3P
60 Watt Single Output AC/DC Power Supply
PSS240 WALL-PSS240 Datasheet
157Kb / 3P
240 Watt Single Output AC/DC Power Supply
PSABC05 WALL-PSABC05 Datasheet
237Kb / 4P
5 Watts AC/DC PCB Mount Supply Single Output
PSATC WALL-PSATC_18 Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com