Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAHC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSAHC
Description  5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSAHC Datasheet HTML 1Page - Wall Industries,Inc. PSAHC Datasheet HTML 2Page - Wall Industries,Inc. PSAHC Datasheet HTML 3Page - Wall Industries,Inc. PSAHC Datasheet HTML 4Page - Wall Industries,Inc. PSAHC Datasheet HTML 5Page - Wall Industries,Inc. PSAHC Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAHC Series
5 Watt Single Output
Encapsulated PCB Mount
AC/DC Switching Power Supply
SCREW TERMINAL
(To order call factory)
PSAHC-A2
PIN#
SINGLE
1
NO CONNECT
2
AC IN (N)
3
AC IN (L)
4
NO CONNECT
5
+DC OUT
6
-DC OUT
7
NO CONNECT
8
NO CONNECT
PSAHC-A3
PIN#
SINGLE
1
AC IN
2
NO CONNECT
3
+DC OUT
4
-DC OUT
5
NO CONNECT
6
NO CONNECT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com