Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9805E Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 49Page - STMicroelectronics L9805E Datasheet HTML 50Page - STMicroelectronics L9805E Datasheet HTML 51Page - STMicroelectronics L9805E Datasheet HTML 52Page - STMicroelectronics L9805E Datasheet HTML 53Page - STMicroelectronics L9805E Datasheet HTML 54Page - STMicroelectronics L9805E Datasheet HTML 55Page - STMicroelectronics L9805E Datasheet HTML 56Page - STMicroelectronics L9805E Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 127 page
background image
L9805E
On-Chip Peripherals
53/127
The Pulse Width Modulation mode uses the complete Output Compare 1 function plus the
OC2R register, and so these functions cannot be used when the PWM mode is activated.
Procedure
To use Pulse Width Modulation mode:
1.
Load the OC2R register with the value corresponding to the period of the signal using
the formula in the section.
2.
Load the OC1R register with the value corresponding to the period of the pulse if
OLVL1=0 and OLVL2=1, using the formula in the section.
3.
Select the following in the CR1 register:
–
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after a
successful comparison with OC1R register.
–
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin after a
successful comparison with OC2R register.
4.
Select the following in the CR2 register:
–
Set OC1E bit: the OCMP1 pin is then dedicated to the output compare 1 function.
–
Set the PWM bit.
–
Select the timer clock (CC[1:0]) (see Table 9: Clock Control Bits).
If OLVL1=1 and OLVL2=0, the length of the positive pulse is the difference between the
OC2R and OC1R registers.
If OLVL1=OLVL2 a continuous signal will be seen on the OCMP1 pin.
The OCRi register value required for a specific timing application can be calculated using
the following formula:
Where:
t
= Signal or pulse period (in seconds)
fCPU
= CPU clock frequency (in hertz)
PRESC = Timer prescaler factor (2, 4 or 8 depending on CC[1:0] bits,
see Table 9: Clock Control Bits
If the timer clock is an external clock the formula is:
OCiR = t · fEXT -5
Where:
Counter
Counter is reset
to FFFCh
OCMP1 = OLVL2
Counter
= OCR2
OCMP1 = OLVL1
When
When
= OCR1
Pulse Width Modulation cycle
ICF1 bit is set
OCiR Value
tf
CPU
⋅
PRESC
----------------------
5
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com