Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9805E Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 90Page - STMicroelectronics L9805E Datasheet HTML 91Page - STMicroelectronics L9805E Datasheet HTML 92Page - STMicroelectronics L9805E Datasheet HTML 93Page - STMicroelectronics L9805E Datasheet HTML 94Page - STMicroelectronics L9805E Datasheet HTML 95Page - STMicroelectronics L9805E Datasheet HTML 96Page - STMicroelectronics L9805E Datasheet HTML 97Page - STMicroelectronics L9805E Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 127 page
background image
On-Chip Peripherals
L9805E
94/127
5.7.3
Functional Description
The Can Bus Transceiver is used as an interface between a CAN controller and the physical
bus. The device provides transmitting capability to the CAN controller. The transceiver has
one logic input pin (TX), one logic output pin (RX) and two Input/Output pins for the electrical
connections to the two bus wires (CAN_L and CAN_H). The microcontroller sends data to
the TX pin and it receives data from the RX pin. The transmission slew-rates of CAN_H and
CAN_L voltage are controlled to reduce RFI and EMI. The transceiver is protected against
short circuit or overcurrent: If ICANH and/or ICANL exceeds a current thresholds ISC, then the
CAN_H and CAN_L power transistors are switched off and the transmission is disabled for
TD=25µs typical.
5.7.4
CAN Transceiver Disabling function
The transceiver can be disabled and forced to move in a low power consumption mode,
setting CANDS bit in DCSR register. When the transceiver is in this mode it can not receive
nor transmit any information to the bus. The only way to have again on board the CAN
capabilities is reset CANDS bit. The CAN protocol handler can not disable nor enable the
transceiver and there is no way to communicate to the controller the transceiver is down.
The disabling function has the only purpose to allow the reduction of the current
consumption of the device in application not using the CAN at all or using it for particular
functions (such like debugging). Current consumption reduction, when disabling the
trasceiver, can be as high as 15mA.
Note When the CAN capabilities of L9805E are not needed additional consumption
reduction can be achieved putting the CAN controller in Stand-by Mode.
Figure 44.
Can Bus Transceiver Block Diagram
5.8
Power Bridge
5.8.1
Introduction
The power part of the device consists of two identical independent DMOS half bridges. It is
suited to drive resistive and inductive loads.
ŠŠ
+
−
TX0
RX0
CAN_H
CAN_L
OVERCURRENT
DETECTION
OVERCURRENT
DETECTION
POWER
CONTROL
R
2R
R
RR
2R
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com