Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9805E Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 8Page - STMicroelectronics L9805E Datasheet HTML 9Page - STMicroelectronics L9805E Datasheet HTML 10Page - STMicroelectronics L9805E Datasheet HTML 11Page - STMicroelectronics L9805E Datasheet HTML 12Page - STMicroelectronics L9805E Datasheet HTML 13Page - STMicroelectronics L9805E Datasheet HTML 14Page - STMicroelectronics L9805E Datasheet HTML 15Page - STMicroelectronics L9805E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
General description
L9805E
12/127
PA5/OCMP2_2-PA6/OCMP1_2: I/Os or Output Compares on Timer 2. Alternate function
software selectable (by setting OC2E or OC1E in CR2 register: bit 6 or 7 at 0041h). When
used as alternate functions, these pins are push-pull outputs as requested by Timer 2.
Otherwise, these pins are triggered floating inputs or push-pull outputs.
PA7/ICAP2_2-PB0/ICAP1_2: I/Os or Input Captures on Timer 2. Before using these I/Os as
alternate inputs, they must be configured by software in input mode (DDR=0). In this case,
these pins are triggered floating inputs. Otherwise (I/O function), these pins are triggered
floating inputs or push-pull outputs.
PB1/EXTCLK_2: PB1 I/O or External Clock on Timer 2. Before using this I/O as alternate
input, it must be configured by software in input mode (DDR=0). In this case, this pin is a
triggered floating input. Otherwise (I/O function), this pin is a triggered floating input or a
push-pull output.
VPP/TM: Input. This pin must be held low during normal operating modes.
VDD: Output. 5V Power supply for digital circuits, from internal voltage regulator.
OSCIN: Input Oscillator pin.
OSCOUT: Output Oscillator pin.
GND: Ground for digital circuits.
VBR: Power supply for Right half-bridge.
OUTR: Output of Left half-bridge.
PGND: Ground for power transistor.
OUTL: Output of Right half-bridge.
VBL: Power supply for Left half-bridge.
VB1: Power supply for voltage regulators.
VB2: Pre-regulated voltage for analog circuits.
CAN_L: Low side CAN bus output.
CAN_H: High side CAN bus input.
NRESET: Bidirectional. This active low signal forces the initialization of the MCU. This event
is the top priority non maskable interrupt. It can be used to reset external peripherals.
PWMI: PWM input. Directly connected to Input Capture 2 on Timer 2.
PWMO: PWM output. Connected to the output of PWM2 module.
AGND: Ground for all analog circuitry (except power bridge).
VCC: Output. 5V power supply for analog circuits, from internal voltage regulator.
1.5
Register & Memory Map
As shown in the Table 1, the MCU is capable of addressing 64K bytes of memories and I/O
registers. In this MCU, 63742 of these bytes are user accessible.
The available memory locations consist of 128 bytes of I/O registers, 256 bytes of RAM, 128
bytes of EEPROM and 16Kbytes of user EPROM/ROM. The RAM space includes 64bytes
for the stack from 0140h to 017Fh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com