Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5261 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5261 Datasheet HTML 1Page - Catalyst Semiconductor CAT5261 Datasheet HTML 2Page - Catalyst Semiconductor CAT5261 Datasheet HTML 3Page - Catalyst Semiconductor CAT5261 Datasheet HTML 4Page - Catalyst Semiconductor CAT5261 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT5261
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-2122 Rev. E
Characteristics subject to change without notice
SERIAL BUS PROTOCOL
The CAT5261 supports the SPI bus data transmission
protocol. The synchronous Serial Peripheral Interface
(SPI) helps the CAT5261 to interface directly with
many of today's popular microcontrollers. The
CAT5261 contains an 8-bit instruction register .The
instruction set and the operation codes are detailed in
the instruction set table 3 on page 9.
DEVICE OPERATION
The CAT5261 is two resistor arrays integrated with an
SPI serial interface logic, two 8-bit wiper control
registers and eight 8-bit, non-volatile memory data
registers. Each resistor array contains 255 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL).
RH and RL are symmetrical and may be interchanged.
The tap positions between and at the ends of the
series resistors are connected to the output wiper
terminals (RW) by a After the device is selected with
CS
¯¯¯ going low the first byte will be received. The part
is accessed via the SI pin, with data being clocked in
on the rising edge of SCK. The first byte contains one
of the six op-codes that define the operation to be
performed.
CMOS transistor switch. Only one tap point for each
potentiometer is connected to its wiper terminal at a
time and is determined by the value of the wiper
control register. Data can be read or written to the
wiper control registers or the non-volatile memory
data registers via the SPI bus. Additional instructions
allows data to be transferred between the wiper
control registers and each respective potentiometer's
non-volatile data registers. Also, the device can be
instructed to operate in an "increment/decrement"
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com