Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5261 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5261 Datasheet HTML 1Page - Catalyst Semiconductor CAT5261 Datasheet HTML 2Page - Catalyst Semiconductor CAT5261 Datasheet HTML 3Page - Catalyst Semiconductor CAT5261 Datasheet HTML 4Page - Catalyst Semiconductor CAT5261 Datasheet HTML 5Page - Catalyst Semiconductor CAT5261 Datasheet HTML 6Page - Catalyst Semiconductor CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT5261
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-2122 Rev. E
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Power Supply Current
fSCL = 400kHz, SDA = Open
VCC = 6V, Inputs = GNDs
1
mA
Power Supply Current
fSCK = 400kHz, SDA Open
5
mA
ICC2
Non-volatile WRITE
VCC = 6V, Input = GND
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC, SDA = Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
Input Low Voltage
-1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V) IOL = 3mA
0.4
V
VOH1
Output High Voltage
IOH = -1.6mA
VCC – 0.8
V
PIN CAPACITANCE
(1)
TA = 25ºC, f = 1.0MHz, VCC = 5V, unless otherwise specified.
Symbol
Test
Conditions
Max
Units
COUT
(1)
Output Capacitance (SO)
VOUT = 0V
8
pF
CIN
(1)
Input Capacitance ( CS
¯¯¯, SCK, SI, WP
¯¯¯,HOLD
¯¯¯¯¯, A0, A1)
VIN = 0V
6
pF
A.C. CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tWH
SCK High Time
125
ns
tWL
SCK Low Time
125
ns
fSCK
Clock Frequency
DC
3
MHz
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI
(1)
Input Rise Time
2
µs
tFI
(1)
Input Fall Time
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tV
Output Valid from Clock Low
200
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
250
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
2
ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
CL = 50pF
250
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com