Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6369 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 27Page - STMicroelectronics ST6369 Datasheet HTML 28Page - STMicroelectronics ST6369 Datasheet HTML 29Page - STMicroelectronics ST6369 Datasheet HTML 30Page - STMicroelectronics ST6369 Datasheet HTML 31Page - STMicroelectronics ST6369 Datasheet HTML 32Page - STMicroelectronics ST6369 Datasheet HTML 33Page - STMicroelectronics ST6369 Datasheet HTML 34Page - STMicroelectronics ST6369 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
TIMERS (Continued)
Timer Operating Modes
As on ST6369 devices the external TIMER pin is
not available the only allowed operating mode is
the output mode that have to be selected by setting
to 1 bit 4 and by clearing to 0 bit 5 in the TSCR1
register. This procedure will enable both Timer 1
and Timer 2.
Output Mode (TSCR1 D4 = 1, TSCR1 D5 = 0). On
this mode the timer prescaler is clocked by the
prescaler clock input (OSC/12). The user can se-
lect the desired prescaler division ratio through the
PS2/PS1/PS0 bits. When TCR count reaches 0, it
sets the TMZ bit in the TSCR.
The TMZ bit can be tested under program control
to perform timer functions whenever it goes high.
Bit D4 and D5 on TSCR2 (Timer 2) register are not
implemented.
Timer Interrupt
When the counter register decrements to zero and
the software controlled ETI (enable timer interrupt)
bit is set to one then an interrupt request associ-
ated to interrupt vector #3 (for Timer 1) and to inter-
rupt vector #1 (for Timer 2) is generated. When the
counter decrements to zero also the TMZ bit in the
TSCR register is set to one.
Notes :
TMZ is set when the counter reaches 00H ; how-
ever, it may be set by writing 00H in the TCR regis-
ter or setting the bit 7 of the TSCR register. TMZ
bit must be cleared by user software when servic-
ing the timer interrupt to avoid undesired interrupts
when leaving the interrupt service routine. After re-
set, the 8-bit counter register is loaded to FFH
while the 7-bit prescaler is loaded to 7FH , and the
TSCR register is cleared which means that timer is
stopped (PSI=0) and timer interrupt disabled.
A write to the TCR register will predominate over
the 8-bit counter decrement to 00H function, i.e. if
a write and a TCR register decrement to 00H occur
simultaneously, the write will take precedence, and
the TMZ bit is not set until the 8-bit counter reaches
00H again. The values of the TCR and the PSC
registers can be read accurately at any time.
Figure 31. Timer Working Principle
®
ST6369
27/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com