Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6369 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 57Page - STMicroelectronics ST6369 Datasheet HTML 58Page - STMicroelectronics ST6369 Datasheet HTML 59Page - STMicroelectronics ST6369 Datasheet HTML 60Page - STMicroelectronics ST6369 Datasheet HTML 61Page - STMicroelectronics ST6369 Datasheet HTML 62Page - STMicroelectronics ST6369 Datasheet HTML 63Page - STMicroelectronics ST6369 Datasheet HTML 64Page - STMicroelectronics ST6369 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
PC
D/ A Outputs
TIMER 2
INTERRUPT
Inputs
TEST
TIMER 1
PORT C
PORT B
PORT A
A/D Input
DIGITAL
WATCHDOG/TIMER
SERIAL PERIPHERAL
INTERFACE
VDD
V
SS
OSCin
OSCout
RESET
VR 0D1753
PA0
PA7 *
HDA,DA0 DA5
HSYNC/PC6
VSYNC
TEST / V
PP
AD
PB0
PB7 *
PC2,PC4 PC7 *
PC0 / SCL
PC1 / SDA
PC3 / SEN
POWER SUPPLY
OSCILLATOR
RESET
8-BIT CORE
USER PROGRAM
EPROM
8 kBytes
DATA ROM
USER SELECTABLE
DATA EEPROM
384 Bytes
DATA RAM
256 Bytes
* Refer To Pin Configuration For Additional Information
Figure 2. ST63E69, T69 Block Diagram
DEVICE
EPROM
(Bytes)
OTPROM
(Bytes)
RAM
(Bytes)
EEPROM
(Bytes)
A/D
14-bit
D/A
6-bit
D/A
TARGET
ROM DEVICE
ST63E69
8K
256
384
1
1
6
ST6369
ST63T69
8K
256
384
1
1
6
ST6369
Table 1. Device Summary
®
ST63E69,ST63T69
57/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com