Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6369 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST6369
Description  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 2Page - STMicroelectronics ST6369 Datasheet HTML 3Page - STMicroelectronics ST6369 Datasheet HTML 4Page - STMicroelectronics ST6369 Datasheet HTML 5Page - STMicroelectronics ST6369 Datasheet HTML 6Page - STMicroelectronics ST6369 Datasheet HTML 7Page - STMicroelectronics ST6369 Datasheet HTML 8Page - STMicroelectronics ST6369 Datasheet HTML 9Page - STMicroelectronics ST6369 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
VDD
PC0 ( SCL )
PC1 ( SDA )
PC2
PC3 ( SEN )
PC4 ( PWRIN )
PC5
PC6 ( HSYNC )
PC7
RESET
OSCOUT
OSCIN
HDA
TEST
VSYNC
N.C.
N.C.
O0
O1
SS
V
DA1
DA0
DA2
DA3
DA4
DA5
PB1
PB2
AD
PB4
PB5
PB6
PA0
PA1
PA2
PA3
PA4
PA5
PA6 ( HD0 )
PA7 ( HD1 )
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
7
9
8
6
5
4
3
2
1
VR0G1375
ST6369
Figure 1. ST6369 Pin Configuration
GENERAL DESCRIPTION
The ST6369 microcontroller is member of the 8-bit
HCMOS ST638x family, a series of devices specially
oriented to Digital Controlled Multi Frequency Moni-
tor applications. ST6369 members are based on a
building block approach: a common core is sur-
rounded by a combination of on-chip peripherals
(macrocells) available from a standard library. These
peripherals are designed with the same Core tech-
nology providing full compatibility and short design
time. Many of these macrocells are specially dedi-
cated to DCMF Monitor applications. The macro-
cells of the ST6369 are: two Timer peripherals each
including an 8-bit counter with a 7-bit software pro-
grammable prescaler (Timer), a digital hardware ac-
tivated watchdog function (DHWD), a 14-bit voltage
synthesis tuning peripheral, a Serial Peripheral Inter-
face (SPI), six 6-bit PWM D/A converters, an A/D
converter with 0.5V resolution, a 14-bit PWM D/A
converter. In addition the following memory re-
sources are available: program ROM (8K bytes),
data RAM (256 bytes), EEPROM (384 bytes).
®
ST6369
2/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com