Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7263
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7263 Datasheet HTML 7Page - STMicroelectronics ST7263 Datasheet HTML 8Page - STMicroelectronics ST7263 Datasheet HTML 9Page - STMicroelectronics ST7263 Datasheet HTML 10Page - STMicroelectronics ST7263 Datasheet HTML 11Page - STMicroelectronics ST7263 Datasheet HTML 12Page - STMicroelectronics ST7263 Datasheet HTML 13Page - STMicroelectronics ST7263 Datasheet HTML 14Page - STMicroelectronics ST7263 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
ST7263
11/109
Table 4. Hardware Register Memory Map
Address
Block
Register Label
Register name
Reset Status
Remarks
0000h
0001h
PADR
PADDR
Port A Data Register
Port A Data Direction Register
00h
00h
R/W
R/W
0002h
0003h
PBDR
PBDDR
Port B Data Register
Port B Data Direction Register
00h
00h
R/W
R/W
0004h
0005h
PCDR
PCDDR
Port C Data Register
Port C Data Direction Register
1111 x000b
1111 x000b
R/W
R/W
0006h
0007h
Reserved (2 Bytes)
0008h
ITIFRE
Interrupt Register
00h
R/W
0009h
MISCR
Miscellaneous Register
F0h
R/W
000Ah
000Bh
ADC
DR
CSR
ADC Data Register
ADC control Status register
00h
00h
Read only
R/W
000Ch
WDG
CR
Watchdog Control Register
7Fh
R/W
000Dh
0010h
Reserved (4 Bytes)
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
TIM
CR2
CR1
SR
IC1HR
IC1LR
OC1HR
OC1LR
CHR
CLR
ACHR
ACLR
IC2HR
IC2LR
OC2HR
OC2LR
Timer Control Register 2
Timer Control Register 1
Timer Status Register
Timer Input Capture High Register 1
Timer Input Capture Low Register 1
Timer Output Compare High Register 1
Timer Output Compare Low Register 1
Timer Counter High Register
Timer Counter Low Register
Timer Alternate Counter High Register
Timer Alternate Counter Low Register
Timer Input Capture High Register 2
Timer Input Capture Low Register 2
Timer Output Compare High Register 2
Timer Output Compare Low Register 2
00h
00h
00h
xxh
xxh
80h
00h
FFh
FCh
FFh
FCh
xxh
xxh
80h
00h
R/W
R/W
Read only
Read only
Read only
R/W
R/W
Read only
R/W
Read only
R/W
Read only
Read only
R/W
R/W
0020h
0021h
0022h
0023h
0024h
SCI
1)
SR
DR
BRR
CR1
CR2
SCI Status Register
SCI Data Register
SCI Baud Rate Register
SCI Control Register 1
SCI Control Register 2
C0h
xxh
00xx xxxxb
xxh
00h
Read only
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com