Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7263
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7263 Datasheet HTML 9Page - STMicroelectronics ST7263 Datasheet HTML 10Page - STMicroelectronics ST7263 Datasheet HTML 11Page - STMicroelectronics ST7263 Datasheet HTML 12Page - STMicroelectronics ST7263 Datasheet HTML 13Page - STMicroelectronics ST7263 Datasheet HTML 14Page - STMicroelectronics ST7263 Datasheet HTML 15Page - STMicroelectronics ST7263 Datasheet HTML 16Page - STMicroelectronics ST7263 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
ST7263
13/109
1.5 EPROM/OTP PROGRAM MEMORY
The program memory of the ST72T63 may be pro-
grammed using the EPROM programming boards
available from STMicroelectronics (see Table 26).
1.5.1 EPROM ERASURE
ST72Exxx EPROM devices are erased by expo-
sure to high intensity UV light admitted through the
transparent window. This exposure discharges the
floating gate to its initial state through induced
photo current.
It is recommended that the ST72Exxx devices be
kept out of direct sunlight, since the UV content of
sunlight can be sufficient to cause functional fail-
ure. Extended exposure to room level fluorescent
lighting may also cause erasure.
An opaque coating (paint, tape, label, etc...)
should be placed over the package window if the
product is to be operated under these lighting con-
ditions. Covering the window also reduces IDD in
power-saving modes due to photo-diode leakage
currents.
An Ultraviolet source of wave length 2537 Å yield-
ing a total integrated dosage of 15 Watt-sec/cm2 is
required to erase the ST72Exxx. The device will
be erased in 15 to 30 minutes if such a UV lamp
with a 12mW/cm2 power rating is placed 1 inch
from the device window without any interposed fil-
ters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com