Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7263
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7263 Datasheet HTML 8Page - STMicroelectronics ST7263 Datasheet HTML 9Page - STMicroelectronics ST7263 Datasheet HTML 10Page - STMicroelectronics ST7263 Datasheet HTML 11Page - STMicroelectronics ST7263 Datasheet HTML 12Page - STMicroelectronics ST7263 Datasheet HTML 13Page - STMicroelectronics ST7263 Datasheet HTML 14Page - STMicroelectronics ST7263 Datasheet HTML 15Page - STMicroelectronics ST7263 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
ST7263
12/109
Note 1. If the peripheral is present on the device (see Table 1 Device Summary)
0025h
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
USB
PIDR
DMAR
IDR
ISTR
IMR
CTLR
DADDR
EP0RA
EP0RB
EP1RA
EP1RB
EP2RA
EP2RB
USB PID Register
USB DMA address Register
USB Interrupt/DMA Register
USB Interrupt Status Register
USB Interrupt Mask Register
USB Control Register
USB Device Address Register
USB Endpoint 0 Register A
USB Endpoint 0 Register B
USB Endpoint 1 Register A
USB Endpoint 1 Register B
USB Endpoint 2 Register A
USB Endpoint 2 Register B
xxh
xxh
xxh
00h
00h
xxxx 0110b
00h
0000 xxxxb
80h
0000 xxxxb
0000 xxxxb
0000 xxxxb
0000 xxxxb
Read only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0032h
0038h
Reserved (7 Bytes)
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
I2C1)
DR
OAR
CCR
SR2
SR1
CR
I2C Data Register
Reserved
I2C (7 Bits) Slave Address Register
I2C Clock Control Register
I2C 2nd Status Register
I2C 1st Status Register
I2C Control Register
00h
-
00h
00h
00h
00h
00h
R/W
R/W
R/W
Read only
Read only
R/W
Address
Block
Register Label
Register name
Reset Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com