Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST72652
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST72652 Datasheet HTML 35Page - STMicroelectronics ST72652 Datasheet HTML 36Page - STMicroelectronics ST72652 Datasheet HTML 37Page - STMicroelectronics ST72652 Datasheet HTML 38Page - STMicroelectronics ST72652 Datasheet HTML 39Page - STMicroelectronics ST72652 Datasheet HTML 40Page - STMicroelectronics ST72652 Datasheet HTML 41Page - STMicroelectronics ST72652 Datasheet HTML 42Page - STMicroelectronics ST72652 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 166 page
background image
ST7265x
39/166
POWER SUPPLY MANAGEMENT (Cont’d)
6.4.4 Power Management Application Example
In the example shown in Figure 28, the VDD supply
is provided by a step up. In this case the step up
must be capable of tolerating voltages up to 5.5V
on its Vout pin.
Figure 28. Dual Power Supply Application Example (low current Storage Media)
MPEG
DAC
Decoder
Step Up
1.2V
I2S
VCC
USB
DP
DM
KEYBOARD
USBVDD
DTC
I2C
MP3
1.5Mbit/s Max
USB port
2M - 128MByte
FLASH
VDDF
STORAGE
VPP
GND
USB
10
µF
Cbus=40pF max
2
4
LCD DISPLAY
LIGHT
Audio
AMP
TDA7474
STA013
4.7
µF
50
µH
VDD
USBVDD
POWER
USB
MANAGEMENT
5V
DP
DM
GND
100nF
Vdd in Stand-Alone mode
Regulator output (2.8 - 3.5V) in USB mode
12V for
STORAGE Switch
USBVDD Switch
DEC Switch
LED
level translator
Flash prog.
REGULATOR
I/O
LOGIC
I2C
=4.0-5.5V
MEDIA
THRESH
USBEN
4.7µF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com