Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST72652
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652 Datasheet(HTML) 4 Page - STMicroelectronics

  ST72652 Datasheet HTML 1Page - STMicroelectronics ST72652 Datasheet HTML 2Page - STMicroelectronics ST72652 Datasheet HTML 3Page - STMicroelectronics ST72652 Datasheet HTML 4Page - STMicroelectronics ST72652 Datasheet HTML 5Page - STMicroelectronics ST72652 Datasheet HTML 6Page - STMicroelectronics ST72652 Datasheet HTML 7Page - STMicroelectronics ST72652 Datasheet HTML 8Page - STMicroelectronics ST72652 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 166 page
background image
ST7265x
4/166
1 INTRODUCTION
The ST7265x MCU supports volume data ex-
change with a host (computer or kiosk) via a full
speed USB interface. The MCU is capable of han-
dling various transfer protocols, with a particular
emphasis on mass storage applications.
ST7265x is compliant with the USB Mass Storage
Class specifications, and supports related proto-
cols such as BOT (Bulk Only Transfer) and CBI
(Control, Bulk, Interrupt).
It is based on the ST7 standard 8-bit core, with
specific peripherals for managing USB full speed
data transfer between the host and most types of
FLASH media card:
– A full speed USB interface with Serial Interface
Engine, and on-chip 3.3V regulator and trans-
ceivers.
– A dedicated 24 MHz Data Buffer Manager state
machine for handling 512-byte data blocks (this
size corresponds to a sector both on computers
and FLASH media cards).
– A Data Transfer Coprocessor (DTC), able to
handle fast data transfer with external devices.
This DTC also computes the CRC or ECC re-
quired to handle Mass storage media.
– An Arbitration block gives the ST7 core priority
over the USB and DTC when accessing the Data
Buffer. In USB mode, the USB interface is serv-
iced before the DTC.
– A FLASH Supply Block able to provide program-
mable supply voltage and I/O electrical levels to
the FLASH media.
Figure 1. USB Data Transfer Block Diagram
512-byte RAM
Buffer
512-byte RAM
Buffer
DATA
COPROCESSOR
DATA TRANSFER
BUFFER
LEVEL
SHIFTERS
MASS
DEVICE
USB
SIE
ST7 CORE
STORAGE
TRANSFER
(DTC)
ARBITRATION
USB DATA
TRANSFER
BUFFER ACCESS
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com