Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST72652
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST72652 Datasheet HTML 2Page - STMicroelectronics ST72652 Datasheet HTML 3Page - STMicroelectronics ST72652 Datasheet HTML 4Page - STMicroelectronics ST72652 Datasheet HTML 5Page - STMicroelectronics ST72652 Datasheet HTML 6Page - STMicroelectronics ST72652 Datasheet HTML 7Page - STMicroelectronics ST72652 Datasheet HTML 8Page - STMicroelectronics ST72652 Datasheet HTML 9Page - STMicroelectronics ST72652 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 166 page
background image
ST7265x
6/166
INTRODUCTION (Cont’d)
Figure 3. ST7265x Block Diagram
8-BIT CORE
ALU
OSCIN
OSCOUT
RESET
DATA
PD[7:0]
(8 bits)
12MHz
fCPU
CONTROL
RAM
(0.5/5 KBytes)
PROGRAM
(16/32 Kbytes)
MEMORY
16-BIT TIMER*
LVD*
WATCHDOG
VDDA
VPP
USBDP
USBDM
USBVCC
* not on all products (refer to Table 1: Device Summary)
TRANSFER
COPROCESSOR
PORT C
PORT E
PORT D
PE[7:0]
(8 bits)
PC[7:0]
(8 bits)
PB[7:0]
(8 bits)
PA[7:0]
(8 bits)
PORT F
PF[6:0]
(7 bits)
8-BIT ADC*
I2C*
FLASH SUPPLY
VDDF
VSSA
POWER SUPPLY
DUAL SUPPLY
USBVSS
MANAGER *
BLOCK
48MHz
PLL
CLOCK
DIVIDER
OSC
USB
VSSF
USBVDD
VSS1, VSS2
VDD1,VDD2
PWM*
PORT B
PORT A
DATA
TRANSFER
BUFFER
(1280 bytes)
DTC S/W RAM
(256 Bytes)
REGULATOR
SPI *
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com