Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7265AR6T0 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST7265AR6T0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6T0 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST7265AR6T0 Datasheet HTML 85Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 86Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 87Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 88Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 89Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 90Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 91Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 92Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 166 page
background image
ST7265x
89/166
16-BIT TIMER (Cont’d)
CONTROL REGISTER 2 (TCR2)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = OC1E
Output Compare 1 Pin Enable.
This bit is used only to output the signal from the
timer on the OCMP1 pin (OLV1 in Output Com-
pare mode). Whatever the value of the OC1E bit,
the internal Output Compare 1 function of the timer
remains active.
0: OCMP1 pin alternate function disabled (I/O pin
free for general-purpose I/O).
1: OCMP1 pin alternate function enabled.
Bit 6 = OC2E
Output Compare 2 Pin Enable.
This bit is used only to output the signal from the
timer on the OCMP2 pin (OLV2 in Output Com-
pare mode). Whatever the value of the OC2E bit,
the internal Output Compare 2 function of the timer
remains active.
0: OCMP2 pin alternate function disabled (I/O pin
free for general-purpose I/O).
1: OCMP2 pin alternate function enabled.
Bits 5:4 = Reserved, forced by hardware to 0.
Bits 3:2 = CC[1:0]
Clock Control.
The timer clock mode depends on these bits:
Table 27. Clock Control Bits
Bits 1:0 = Reserved, forced by hardware to 0.
STATUS REGISTER (TSR)
Read Only
Reset Value: 0000 0000 (00h)
The three least significant bits are not used.
Bit 7 = Reserved, forced by hardware to 0.
Bit 6 = OCF1
Output Compare Flag 1.
0: No match (reset value).
1: The content of the free running counter has
matched the content of the OC1R register. To
clear this bit, first read the SR register, then read
or write the low byte of the OC1R (OC1LR) reg-
ister.
Bit 5 = TOF
Timer Overflow Flag.
0: No timer overflow (reset value).
1: The free running counter rolled over from FFFFh
to 0000h. To clear this bit, first read the SR reg-
ister, then read or write the low byte of the CR
(CLR) register.
Note: Reading or writing the ACLR register does
not clear TOF.
Bit 4 = Reserved, forced by hardware to 0.
Bit 3 = OCF2
Output Compare Flag 2.
0: No match (reset value).
1: The content of the free running counter has
matched the content of the OC2R register. To
clear this bit, first read the SR register, then read
or write the low byte of the OC2R (OC2LR) reg-
ister.
Bits 2:0 = Reserved, forced by hardware to 0.
70
OC1E OC2E
0
0
CC1 CC0
0
0
Timer Clock
CC1
CC0
fCPU / 4
0
0
fCPU / 2
0
1
fCPU / 8
1
0
Reserved
1
1
70
0
OCF1
TOF
0
OCF2
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com