Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7265AR6T0 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7265AR6T0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6T0 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7265AR6T0 Datasheet HTML 6Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 7Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 8Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 9Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 10Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 11Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 12Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 13Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 166 page
background image
ST7265x
10/166
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations:
Type: I = input, O = output, S = supply
VDDF powered: I/O powered by the alternate sup-
ply rail, supplied by VDDF and VSSF.
In/Output level: CT = CMOS 0.3VDD/0.7VDD with
input trigger
Output level: HS = High Sink (on N-buffer only)
Port and control configuration:
– Input:float = floating, wpu = weak pull-up, int = in-
terrupt
– Output: OD = open drain, T = true open drain, PP
= push-pull, OP = pull-up enabled by option byte.
Refer to “I/O PORTS” on page 49 for more details
on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in
bold.
Table 1. Device Pin Description
Pin
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
51
1
USBVSS
S
USB Digital ground
6
2
2
USBDM
I/O
USB bidirectional data (data -)
7
3
3
USBDP
I/O
USB bidirectional data (data +)
8
4
4
USBVCC
O
USB power supply, output by the on-chip USB
3.3V linear regulator.
Note: An external decoupling capacitor (typ.
100nF, min 47nF) must be connected be-
tween this pin and USBVSS.
95
5
USBVDD
S
USB Power supply voltage (4V - 5.5V)
Note: External decoupling capacitors (typ.
4.7µF+100nF, min 2.2µF+100nFmust be con-
nected between this pin and USBVSS.
10
6
6
VDDF
SX
Power Line for alternate supply rail. Can be
used as input (with external supply) or output
(when using the on-chip voltage regulator).
Note: An external decoupling capacitor (min.
20nF) must be connected to this pin to stabi-
lize the regulator.
11
7
7
VSSF
SX
Ground Line for alternate supply rail. Can be
used as input (with external supply) or output
(when using the on-chip voltage regulator)
-
-
8
PE5/DTC
I/O
X CT HS X
2
X2
X
Port E5
DTC I/O with serial capability
(MMC_CMD)
-
-
9
PE6/DTC
I/O
X CT HS X
X
X
Port E6
DTC I/O with serial capability
(MMC_DAT)
-
-
10
PE7/DTC
I/O
X CT HS X
X
X
Port E7
DTC I/O with serial capability
(MMC_CLK)
-
8
11
PB0/DTC
I/O
X
C
T
X
X
Port B0
DTC
-
9
12
PB1/DTC
I/O
X
C
T
X
X
Port B1
DTC
-
10
13
PB2/DTC
I/O
X
C
T
X
X
Port B2
DTC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com