Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7265AR6T0 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7265AR6T0
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6T0 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7265AR6T0 Datasheet HTML 96Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 97Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 98Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 99Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 100Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 101Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 102Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 103Page - STMicroelectronics ST7265AR6T0 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 166 page
background image
ST7265x
100/166
SERIAL PERIPHERAL INTERFACE (Cont’d)
11.6.3.2 Slave Select Management
As an alternative to using the SS pin to control the
Slave Select signal, the application can choose to
manage the Slave Select signal by software. This
is configured by the SSM bit in the SPICSR regis-
ter (see Figure 62)
In software management, the external SS pin is
free for other application uses and the internal SS
signal level is driven by writing to the SSI bit in the
SPICSR register.
In Master mode:
–SS internal must be held high continuously
In Slave Mode:
There are two cases depending on the data/clock
timing relationship (see Figure 61):
If CPHA=1 (data latched on 2nd clock edge):
–SS internal must be held low during the entire
transmission. This implies that in single slave
applications the SS pin either can be tied to
VSS, or made free for standard I/O by manag-
ing the SS function by software (SSM= 1 and
SSI=0 in the in the SPICSR register)
If CPHA=0 (data latched on 1st clock edge):
–SS internal must be held low during byte
transmission and pulled high between each
byte to allow the slave to write to the shift reg-
ister. If SS is not pulled high, a Write Collision
error will occur when the slave writes to the
shift register (see Section 11.6.5.3).
Figure 61. Generic SS Timing Diagram
Figure 62. Hardware/Software Slave Select Management
MOSI/MISO
Master SS
Slave SS
(if CPHA=0)
Slave SS
(if CPHA=1)
Byte 1
Byte 2
Byte 3
1
0
SS internal
SSM bit
SSI bit
SS external pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com