Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9040 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 13Page - STMicroelectronics ST9040 Datasheet HTML 14Page - STMicroelectronics ST9040 Datasheet HTML 15Page - STMicroelectronics ST9040 Datasheet HTML 16Page - STMicroelectronics ST9040 Datasheet HTML 17Page - STMicroelectronics ST9040 Datasheet HTML 18Page - STMicroelectronics ST9040 Datasheet HTML 19Page - STMicroelectronics ST9040 Datasheet HTML 20Page - STMicroelectronics ST9040 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
N
°
Symbol
Parameter
Value (Note)
Unit
OSCIN Divided
By 2
OSCIN Not Divided
By 2
Min. Max.
1
TsA (AS)
Address Set-up Time
before AS
TpC (2P+1) –22
TWCH+PTpC –18
20
ns
2
ThAS (A)
Address Hold Time after AS
TpC –17
TwCL –13
25
ns
3
TdAS (DR)
AS
↑ toData Available (read)
TpC (4P+2W+4) –52
TpC (2P+W+2) –51
115
ns
4
TwAS
AS Low Pulse Width
TpC (2P+1) –7
TwCH+PTpC –3
35
ns
5
TdAz (DS)
Address Float to DS
↓ t12
12
12
ns
6
TwDSR
DS Low Pulse Width (read)
TpC (4P+2W+3) –20
TwCH+TpC
(2P+W+1) –16
105
ns
7
TwDSW
DS Low Pulse Width (write)
TpC (2P+2W+2) –13
TpC (P+W+1) –13
70
ns
8
TdDSR (DR)
DS
↓ toData Valid Delay (read)
TpC (4P+2W-3) –50
TwCH+TpC(2P+W+1)
–46
75
ns
9
ThDR (DS)
Data to DS
↑ Hold Time (read)
0
0
0
ns
10
TdDS (A)
DS
↑ to Address Active Delay
TpC –7
TwCL –3
35
ns
11
TdDS (AS)
DS
↑ to AS ↓ Delay
TpC –18
TwCL –14
24
ns
12
TsR/W (AS)
R/W Set-up Time before AS
TpC (2P+1) –22
TwCH+PTpC –18
20
ns
13
TdDSR (R/W)
DS
↑ to R/W and Address Not
Valid Delay
TpC –9
TwCL –5
33
ns
14
TdDW (DSW)
Write Data Valid to DS
↓ Delay
(write)
TpC (2P+1) –32
TwCH+PTpC –28
10
ns
15
ThDS (DW)
Data Hold Time after DS
↑ (write) TpC –9
TwCL –5
33
ns
16
TdA (DR)
Address Valid to Data Valid
Delay (read)
TpC (6P+2W+5) –68
TwCH+TpC
(3P+W+2) –64
140
ns
17
TdAs (DS)
AS
↑ to DS ↓ Delay
TpC –18
TwCL –14
24
ns
EXTERNAL BUS TIMING TABLE
(VDD =5V
± 10%,TA =– 40 °Cto + 85 °C, Cload = 50pF, CPUCLK = 12MHz, unless otherwise specified)
EXTERNAL WAIT TIMING TABLE
(VDD =5V
± 10%,TA =–40°Cto +85°C, Cload = 50pF,
INTCLK = 12MHz, Push-pull output configuration, unless otherwise specified)
N
°
Symbol
Parameter
Value (Note)
Unit
OSCIN Divided
By 2
OSCIN Not Divided
By 2
Min. Max.
1
TdAs (WAIT)
AS
↑ to WAIT ↓ Delay
2(P+1)TpC –29
2(P+1)TpC –29
40
ns
2
TdAs (WAIT)
AS
↑ to WAIT ↓ Min. Delay
2(P+W+1)TpC –4
2(P+W+1)TpC –4
80
ns
3
TdAs (WAIT)
AS
↑ to WAIT ↓ Max. Delay
2(P+W+1)TpC –29
2(P+W+1)TpC –29
83W+
40
ns
Note: (for both tables) The value in the left hand two columns show the formula used to calculate the timing minimum or maximum from the
oscillator clock period, prescale value and number of wait cycles inserted.
The value in the right hand two columns show the timing minimum and maximum for an external clock at 24 MHz divided by 2, prescaler value
of zero and zero wait status.
Legend:
TpC =OSCIN Period
P = Clock Prescaling Value
TwCH =High Level OSCIN half period
W = Wait Cycles
TwCL =Low Level OSCIN half period
®
ST9040
17/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com