Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9040 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 15Page - STMicroelectronics ST9040 Datasheet HTML 16Page - STMicroelectronics ST9040 Datasheet HTML 17Page - STMicroelectronics ST9040 Datasheet HTML 18Page - STMicroelectronics ST9040 Datasheet HTML 19Page - STMicroelectronics ST9040 Datasheet HTML 20Page - STMicroelectronics ST9040 Datasheet HTML 21Page - STMicroelectronics ST9040 Datasheet HTML 22Page - STMicroelectronics ST9040 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
N
°
Symbol
Parameter
Value (Note)
Min. Max. Unit
OSCIN Divided
By 2
OSCIN Not Divided
By 2
Min.
Max.
Min.
Max.
1
TwRDY
RDRDY, WRRDY Pulse
Width in One Line
Handshake
2TpC
(P+W+1) –18
TpC
(P+W+1) –
18
65
ns
2
TwSTB
RDSTB, WRSTB Pulse
Width
2TpC+12
TpC+12
95
ns
3
TdST
(RDY)
RDSTB, or WRSTB
to RDRDY or WRRDY
TpC+45
(TpC-TwCL)
+45
87
ns
4
TsPD
(RDY)
Port Data to RDRDY
Set-up Time
(2P+2W+1)
TpC –25
TwCH+
(W+P)
TpC –25
16
ns
5
TsPD
(RDY)
Port Data to WRRDY
Set-up Time in One Line
Handshake
43
43
43
ns
6
ThPD
(RDY)
Port Data to WRRDY
Hold
Time in One Line
Handshake
00
0
ns
7
TsPD
(STB)
Port Data to WRSTB
Set-up Time
10
10
10
ns
8
ThPD
(STB)
Port Data to WRSTB
Hold Time
25
25
25
ns
9
TdSTB
(PD)
RDSTBD
↑ to Port Data
Delay Time in
Bidirectional Handshake
35
35
35
ns
10
TdSTB
(PHZ)
RDSTB
↑ to Port High-Z
Delay Time in
Bidirectional Handshake
25
25
25
ns
Note: The value in the left hand two columns show the formula used to calculate the timing minimum or maximum from the oscillator clock
period, prescale value and number of wait cycles inserted.
The value in the right hand two columns show the timing minimum and maximum for an external clock at 24 MHz divided by 2, prescaler value
of zero and zero wait status.
Legend:
P
= Clock Prescaling Value (R235.4,3,2)
W
= Programmable Wait Cycles (R252.2.1.0/5,4,3) + External Wait Cycles
HANDSHAKE TIMING TABLE (VDD =5V
± 10%, TA =–40°Cto +85°C, Cload = 50pF, INTCLK = 12MHz,
Push-pull output configuration, unless otherwise specified)
®
ST9040
19/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com